Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC408 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC408 Datasheet HTML 1Page - National Semiconductor (TI) CLC408 Datasheet HTML 2Page - National Semiconductor (TI) CLC408 Datasheet HTML 3Page - National Semiconductor (TI) CLC408 Datasheet HTML 4Page - National Semiconductor (TI) CLC408 Datasheet HTML 5Page - National Semiconductor (TI) CLC408 Datasheet HTML 6Page - National Semiconductor (TI) CLC408 Datasheet HTML 7Page - National Semiconductor (TI) CLC408 Datasheet HTML 8Page - National Semiconductor (TI) CLC408 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
http://www.national.com
CLC408 DESIGN INFORMATION
Standard op amp circuits work with CFB op amps.
There are 3 unique design considerations for CFB:
s
The feedback resistor (Rf in Figures 1-3) sets
AC performance
s
Rf cannot be replaced with a short or a capacitor
s
The output offset voltage is not reduced by
balancing input resistances
The following sub-sections cover:
s
Design parameters, formulas and techniques
s
Interfaces
s
Application circuits
s
Layout techniques
s
SPICE model information
DC Gain (non-inverting)
The non-inverting DC voltage gain for the configuration
shown in Figure 1 is:
Figure 1: Non-Inverting Gain
The normalized gain plots in the
Typical Performance
Characteristics section show different feedback
resistors (Rf) for different gains. These values of Rf are
recommended for obtaining the highest bandwidth with
minimal peaking. The resistor Rt provides DC bias for
the non-inverting input.
For Av < 6, use linear interpolation on the nearest Av
values to calculate the recommended value of Rf. For
Av ≥ 6, the minimum recommended Rf is 200Ω.
Select Rg to set the DC gain:
DC gain accuracy is usually limited by the tolerance of
Rf and Rg.
DC Gain (unity gain buffer)
The recommended Rf for unity gain buffers is 3kΩ. Rg
is left open. Parasitic capacitance at the inverting node
may require a slight increase of Rf to maintain a flat
frequency response.
DC Gain (inverting)
The inverting DC voltage gain for the configuration
shown in Figure 2 is:
The normalized gain plots in the
Typical Performance
Characteristics section show different feedback
resistors (Rf) for different gains. These values of Rf are
recommended for obtaining the highest bandwidth with
minimal peaking. The resistor Rt provides DC bias for
the non-inverting input.
For |Av| < 6, use linear interpolation on the nearest Av
values to calculate the recommended value of Rf. For
|Av| ≥ 6, the minimum recommended Rf is 200Ω.
Figure 2: Inverting Gain
Select Rg to set the DC gain:
. At large gains,
Rg becomes small and will load the previous stage.
This can be solved by driving Rg with a low impedance
buffer like the CLC111, or increasing Rf and Rg. See
the
AC Design (small signal bandwidth) sub-section
for the tradeoffs.
DC gain accuracy is usually limited by the tolerance of
Rf and Rg.
DC Gain (transimpedance)
Figure 3 shows a transimpedance circuit where the
current Iin is injected at the inverting node. The current
source’s output resistance is much greater than Rf.
The DC transimpedance gain is:
The recommended Rf is 3kΩ. Parasitic capacitance at
the inverting node may require a slight increase of Rf to
maintain a flat frequency response.
DC gain accuracy is usually limited by the tolerance
of Rf.
+
-
CLC408
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
3
2
4
7
6
+
+
Rg
Rt
A1
R
R
v
f
g
=+
R
R
A1
g
f
v
=
A
R
R
v
f
g
=−
+
-
CLC408
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
Rg
Rt
3
2
4
7
6
+
+
R
R
A
g
f
v
=
A
V
I
R
R
o
in
f
== −


Similar Part No. - CLC408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLC40 ETC-CLC40 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L05 ETC-CLC40-L05 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L15 ETC-CLC40-L15 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L50 ETC-CLC40-L50 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-S ETC-CLC40-S Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
More results

Similar Description - CLC408

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com