Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBRF10100 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HBRF10100
Description  Trench Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HBRF10100 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HBRF10100 Datasheet HTML 1Page - GOOD-ARK Electronics HBRF10100 Datasheet HTML 2Page - GOOD-ARK Electronics HBRF10100 Datasheet HTML 3Page - GOOD-ARK Electronics HBRF10100 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
HBR(F)10100
Trench Schottky Barrier Rectifier
Reverse Voltage 100 Volts Forward Current 10 Amperes
www.goodark.com                             1 / 4 
                       2013.12REV.A  
Features
Plastic package has underwriters Laboratory
Flammability Classification 94V-0
● Single rectifier construction, positive center tap
● Metal of silicon rectifier, majority carrier conduction
● Low forward voltage, high efficiency
● Guarding for over voltage protection
Mechanical Data
● Case: Epoxy, Molded
● Weight: 1.9grams(approximately)
● Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Lead Temperature for Soldering Purposes: 260°C Max. for 10 sec
● Shipped 50 units per plastic tube
Maximum Ratings & Electrical Characteristics
(TA=25
℃ unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
HBR(F)10100
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Working peak reverse voltage
VRWM
100
V
Maximum DC blocking voltage
VDC
100
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
10
A
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load per diode
IFSM
150
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
1.0
A
Voltage rate of change(rated VR
DV/dt
10000
V/us
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Isolation voltage (ITO-220-AC only) from terminal to heatsink t = 1 sec
VAC
1500
V
Maximum instantaneous forward voltage per leg
IF=10A
IF=10A
TC=25℃
TC=125℃
VF
0.73
0.65
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
TJ=100°C
IR
100
15
uA
mA
Thermal Characteristics TA=25℃ unless otherwise noted
Symbol
Parameter
TYP(TO-220-AC)
TYP(ITO-220-AC)
Unit
RθJC
Thermal Resistance, Junction to Case per Leg
2.0
4.0
°C /W
RθJA
Thermal Resistance, Junction to Ambient per Leg
62.5
62.5
°C /W
Note:
Pulse test:300us pulse width, duty cycle=2%
Package: TO-220-AC
Package: ITO-220-AC


Similar Part No. - HBRF10100

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
HBR DATEL-HBR Datasheet
1Mb / 16P
   HBR Series of Railway Half-Brick Up to 100 Watts DC-DC Converter
HBR DATEL-HBR Datasheet
966Kb / 15P
   HBR Series of Railway Half-Brick Up to 150 Watts DC-DC Converter
logo
JILIN SINO-MICROELECTRO...
HBR10100 JSMC-HBR10100 Datasheet
567Kb / 8P
   SCHOTTKY BARRIER DIODE
HBR10100A JSMC-HBR10100A Datasheet
585Kb / 8P
   SCHOTTKY BARRIER DIODE
HBR10100ABF JSMC-HBR10100ABF Datasheet
585Kb / 8P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - HBRF10100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
logo
GOOD-ARK Electronics
SBRX1060CT GOOD-ARK-SBRX1060CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX2060CT GOOD-ARK-SBRX2060CT Datasheet
311Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX20150CT GOOD-ARK-SBRX20150CT Datasheet
312Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1045CT GOOD-ARK-SBRX1045CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
HBRX40150CT GOOD-ARK-HBRX40150CT Datasheet
404Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1080CT GOOD-ARK-SBRX1080CT Datasheet
467Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX40100CT GOOD-ARK-SBRX40100CT Datasheet
405Kb / 4P
   Trench Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SRS3080 SECOS-SRS3080_15 Datasheet
183Kb / 2P
   Trench Barrier Schottky Rectifier
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
SPS30120 SECOS-SPS30120_15 Datasheet
163Kb / 2P
   Trench Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com