Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCU877GQL Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCU877GQL
Description  1.8V PHASE LOCK LOOP CLOCK DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877GQL Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCU877GQL Datasheet HTML 2Page - Texas Instruments CDCU877GQL Datasheet HTML 3Page - Texas Instruments CDCU877GQL Datasheet HTML 4Page - Texas Instruments CDCU877GQL Datasheet HTML 5Page - Texas Instruments CDCU877GQL Datasheet HTML 6Page - Texas Instruments CDCU877GQL Datasheet HTML 7Page - Texas Instruments CDCU877GQL Datasheet HTML 8Page - Texas Instruments CDCU877GQL Datasheet HTML 9Page - Texas Instruments CDCU877GQL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CDCU877/CDCU877A
1.8V PHASE LOCK LOOP CLOCK DRIVER
SCAS688A − JUNE 2003 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
AVDD,
VDDQ
MIN
TYP
MAX
UNIT
VIK
Input (cl inputs)
II = 18 mA
1.7 V
−1.2
V
VOH
High-level output voltage
IOH = −100 µA
1.7 V to
1.9 V
VDDQ
− 0.2
V
VOH
High-level output voltage
IOH = −9 mA
1.7 V
1.1
V
VOL
Low-level output voltage
IOL = 100 µA
0.1
V
VOL
Low-level output voltage
IOL = 9 mA
1.7 V
0.6
V
IO(DL)
Low-level output current, disabled
VO(DL) = 100 mV, OE = L
1.7 V
100
µA
VOD
Differential output voltage (see Note 1)
1.7 V
0.5
V
CK, CK
1.9 V
±250
II
Input current
OE, OS,
FBIN, FBIN
1.9 V
±10
µA
IDD(LD) Supply current, static (IDDQ + IADD)
CK and CK = L
1.9 V
500
µA
IDD
Supply current, dynamic (IDDQ + IADD)
(see Note 2 for CPD calculation)
CK and CK = 270 MHz,
All outputs are open
(not connected to a PCB)
1.9 V
135
mA
IDD
DDQ
ADD
(see Note 2 for CPD calculation)
All outputs are loaded with 2 pF and
120-
Ω termination resistor
1.9 V
235
mA
CI
Input capacitance
CK, CK
VI = VDD or GND
1.8 V
2
3
pF
CI
Input capacitance
FBIN, FBIN
VI = VDD or GND
1.8 V
2
3
pF
CI )
Change in input current
CK, CK
VI = VDD or GND
1.8 V
0.25
pF
CI(∆)
Change in input current
FBIN, FBIN
VI = VDD or GND
1.8 V
0.25
pF
NOTES:
1. VOD is the magnitude of the difference between the true and complimentary outputs. See Figure 9 for a definition.
2. Total IDD =IDDQ +IADD =fCK ×CPD ×VDDQ, solving for CPD = (IDDQ +IADD)/(fCK ×VDDQ) where fCK is the input frequency, VDDQ
is the power supply, and CPD is the power dissipation capacitance.
timing requirements over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCK
Clock frequency (operating, see Notes 1 and 2)
AVDD, VDD = 1.8 V ±0.1 V
10
400
MHz
fCK
Clock frequency (application, see Notes 1 and 3)
AVDD, VDD = 1.8 V ±0.1 V
160
340
MHz
tDC
Duty cycle, input clock
AVDD, VDD = 1.8 V ±0.1 V
40%
60%
tL
Stabilization time (see Note 4)
AVDD, VDD = 1.8 V ±0.1 V
12
µs
NOTES:
1. The PLL must be able to handle spread spectrum induced skew.
2. Operating clock frequency indicates a range over which the PLL must be able to lock, but in which it is not required to meet the other
timing parameters (used for low speed system debug).
3. Application clock frequency indicates a range over which the PLL must meet all timing parameters.
4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal
after power up. During normal operation, the stabilization time is also the time required for the integrated PLL circuit to obtain phase
lock of its feedback signal to its reference signal when CK and CK go to a logic low state, enter the power-down mode and later return
to active operation. CK and CK may be left floating after they have been driven low for one complete clock cycle.


Similar Part No. - CDCU877GQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU877GQL TI-CDCU877GQL Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI1-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQLR TI1-CDCU877GQLR Datasheet
1Mb / 24P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCU877GQL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
   DDR Phase Lock Loop Clock Driver
logo
Texas Instruments
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Integrated Circuit Syst...
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
   DDR Phase Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com