Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K10LV-3AQI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT40K10LV-3AQI
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K10LV-3AQI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT40K10LV-3AQI Datasheet HTML 7Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 8Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 9Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 10Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 11Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 12Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 13Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 14Page - ATMEL Corporation AT40K10LV-3AQI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
11
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
RAM
32 x 4 dual-ported RAM blocks are dispersed throughout the array, see Figure 7. A 4-bit
Input Data Bus connects to four horizontal local buses distributed over four sector rows
(plane 1). A 4-bit Output Data Bus connects to four horizontal local buses distributed
over four sectors in the same column. A 5-bit Output Address Bus connects to five verti-
cal express buses in the same column. Ain (input address) and Aout (output address)
alternate positions in horizontally aligned RAM blocks. For the left-most RAM blocks,
Aout is on the left and Ain is on the right. For the right-most RAM blocks, Ain is on the
left and Aout is tied off, thus it can only be configured as a single port. For single-ported
RAM, Ain is the READ/WRITE address port and Din is the (bi-directional) data port.
Right-most RAM blocks can be used only for single-ported memories. WEN and OEN
connect to the vertical express buses in the same column.
Figure 7. RAM Connections (One Ram Block)
32 x 4 RAM
CLK
Din
Ain
WEN
OEN
Dout
Aout
CLK
CLK
CLK
CLK


Similar Part No. - AT40K10LV-3AQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K10 ATMEL-AT40K10 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K10AL ATMEL-AT40K10AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
More results

Similar Description - AT40K10LV-3AQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com