Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC101BSA Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGC101BSA
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC101BSA Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGC101BSA Datasheet HTML 1Page - GOOD-ARK Electronics SGC101BSA Datasheet HTML 2Page - GOOD-ARK Electronics SGC101BSA Datasheet HTML 3Page - GOOD-ARK Electronics SGC101BSA Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGC101BSA
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 10A
www.goodark.com
2/4
2015.07-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 2. Typical Reverse Characteristics 
Figure 1.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 3. Typical Junction Capacitance
Figure 4. Typical Instantaneous Forward
Characteristics 
Notes
1) Mounted on P.C.B with 30*30mm copper pad 
area
2) Fre air, Mounted on recommended copper pad 
area FR4 PCB(RθJA=76℃/W)
Figure 5.Forward Current Derating Curve
www.goodark.com
2/4
2015.07-Rev.A


Similar Part No. - SGC101BSA

ManufacturerPart #DatasheetDescription
logo
Surge Components
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
   Reverse Voltage 100V Forward Current 10A
logo
GOOD-ARK Electronics
SGC101BSA GOOD-ARK-SGC101BSA_15 Datasheet
211Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
More results

Similar Description - SGC101BSA

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com