Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9230 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9230_17 Datasheet HTML 4Page - Analog Devices AD9230_17 Datasheet HTML 5Page - Analog Devices AD9230_17 Datasheet HTML 6Page - Analog Devices AD9230_17 Datasheet HTML 7Page - Analog Devices AD9230_17 Datasheet HTML 8Page - Analog Devices AD9230_17 Datasheet HTML 9Page - Analog Devices AD9230_17 Datasheet HTML 10Page - Analog Devices AD9230_17 Datasheet HTML 11Page - Analog Devices AD9230_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD9230
Rev. 0 | Page 7 of 32
TIMING DIAGRAMS
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
N – 7
N – 6
N – 5
N – 4
N – 3
CLK–
DCO+
DCO–
DX+
DX–
VIN
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
Figure 2. Single Data Rate Mode
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
CLK–
DCO+
DCO–
D6
N – 8
D0
N – 7
D6
N – 7
D0
N – 6
D6
N – 6
D0
N – 5
D6
N – 5
D0
N – 4
D6
N – 4
D0
N – 3
D0/D6+
D0/D6–
D11
N – 8
D5
N – 7
D11
N – 7
D5
N – 6
D11
N – 6
D5
N – 5
D11
N – 5
D5
N – 4
D11
N – 4
D5
N – 3
D5/D11+
D5/D11–
VIN
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
6 MSBs
6 LSBs
Figure 3. Double Data Rate Mode


Similar Part No. - AD9230_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230-170EB AD-AD9230-170EB Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
More results

Similar Description - AD9230_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com