Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices AD9239 Datasheet HTML 10Page - Analog Devices AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices AD9239 Datasheet HTML 13Page - Analog Devices AD9239 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
AD9239
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
TEMPOUT
RBIAS
AVDD
NC
NC
AVDD
VCM D
AVDD
VIN – D
VIN + D
AVDD
AVDD
AVDD
AVDD
CLK–
17
CLK+
18
AVDD
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
NC
PGM0
PGM1
PGM2
PGM3
NC
AVDD
VCM A
AVDD
VIN – A
VIN + A
AVDD
AVDD
AVDD
CSB
SCLK
SDI/SDIO
SDO
PIN 1
INDICATOR
AD9239
TOP VIEW
(Not to Scale)
PIN 0 = EPAD = AGND
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE SOLDERED TO THE GROUND PLANE
FOR THE LFCSP PACKAGE. SOLDERING THE EXPOSED PADDLE TO
THE CUSTOMER BOARD INCREASES THE RELIABILITY OF THE SOLDER
JOINTS, MAXIMIZING THE THERMAL CAPABILITY OF THE PACKAGE.
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND
Analog Ground (Exposed Paddle).
23, 34
DRGND
Digital Output Driver Ground.
4, 7, 9, 12, 13, 14,
15, 18, 20, 21, 41, 42,
43, 46, 48, 55, 57,
60, 61, 62, 64, 65,
66, 69, 71
AVDD
1.8 V Analog Supply.
24, 33
DRVDD
1.8 V Digital Output Driver Supply.
2
TEMPOUT
Output Voltage to Monitor Temperature.
3
RBIAS
External Resistor to Set the Internal ADC Core Bias Current.
8
VCM D
Common-Mode Output Voltage Reference.
10
VIN − D
ADC D Analog Complement.
11
VIN + D
ADC D Analog True.
16
CLK−
Input Clock Complement.
17
CLK+
Input Clock True.
22
RESET
Digital Output Timing Reset.
25
DOUT + D
ADC D True Digital Output.
26
DOUT − D
ADC D Complement Digital Output.
27
DOUT + C
ADC C True Digital Output.
28
DOUT − C
ADC C Complement Digital Output.
29
DOUT + B
ADC B True Digital Output.
30
DOUT − B
ADC B Complement Digital Output.
31
DOUT + A
ADC A True Digital Output.
32
DOUT − A
ADC A Complement Digital Output.
35
PDWN
Power-Down.
Rev. E | Page 9 of 40


Similar Part No. - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-170 AD-AD9239BCPZ-170 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results

Similar Description - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com