Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9262 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9262 Datasheet HTML 5Page - Analog Devices AD9262 Datasheet HTML 6Page - Analog Devices AD9262 Datasheet HTML 7Page - Analog Devices AD9262 Datasheet HTML 8Page - Analog Devices AD9262 Datasheet HTML 9Page - Analog Devices AD9262 Datasheet HTML 10Page - Analog Devices AD9262 Datasheet HTML 11Page - Analog Devices AD9262 Datasheet HTML 12Page - Analog Devices AD9262 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD9262
Rev. A | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DVDD to DGND
−0.3 V to +2.0 V
DRVDD to DGND
−0.3 V to +3.9 V
AGND to DGND
−0.3 V to +0.3 V
AVDD to DRVDD
−3.9 V to +2.0 V
CVDD to CGND
−0.3 V to +2.0 V
CGND to DGND
−0.3 V to +0.3 V
D0A to D15A to DGND
−0.3 V to +2.0 V
D0B to D15B to DGND
−0.3 V to +2.0 V
DCO to DGND
−0.3 V to +2.0 V
ORA, ORB to DGND
−0.3 V to +2.0 V
SDIO to DGND
−0.3 V to +3.9 V
CSB to AGND
−0.3 V to +3.9 V
SCLK to AGND
−0.3 V to +3.9 V
VIN+A/VIN−A, VIN+B/VIN−B to AGND
−0.3 V to +2.5 V
CLK+, CLK− to CGND
−0.3 V to +2.0 V
Environmental
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 Sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the PCB
increases the reliability of the solder joints, maximizing the
thermal capability of the package.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
64-Lead LFCSP (CP-64-4)
21.2
1.1
°C/W
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, metal in direct contact with the package leads from
metal traces, through holes, ground, and power planes reduces
the θJA.
ESD CAUTION


Similar Part No. - AD9262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262-10EBZ AD-AD9262-10EBZ Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262-5EBZ AD-AD9262-5EBZ Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262BCPZ AD-AD9262BCPZ Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262BCPZ-10 AD-AD9262BCPZ-10 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
More results

Similar Description - AD9262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9261 AD-AD9261 Datasheet
577Kb / 29P
   16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9267 AD-AD9267 Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD9267 AD-AD9267_17 Datasheet
555Kb / 25P
   Dual Continuous Time Sigma-Delta Modulator
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Analog Devices
AD9049 AD-AD9049 Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com