Electronic Components Datasheet Search |
|
KB25KKG01B-05-A Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
KB25KKG01B-05-A Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
7 / 14 page Series KB Miniature Pushbuttons D28 D www.nkkswitches.com LAMP COLORS & SPECIFICATIONS Color White Green Blue Maximum Forward Current I FM 30mA 30mA 30mA Typical Forward Current I F 20mA 20mA 20mA Forward Voltage V F 3.3V 3.3V 3.3V Maximum Reverse Voltage V RM 7V 7V 7V Current Reduction Rate Above 25°C ∆I F 0.40mA/°C 0.40mA/°C 0.40mA/°C Ambient Temperature Range –25° ~ +50°C 6F 6G 6B AT625G Blue AT631B White AT632F Green T-1 Bi-pin Super Bright Single Element LED (+) (-) CAP TYPES & COLOR COMBINATIONS BB Solid Cap for Incandescent Lamp & Nonilluminated Lens/Filter Colors Available: CB CC EB AT485 Square JF and JG not suitable with neon lamp. FB FF GB GG Color Codes: A Black B White C Red E Yellow F Green G Blue J Clear Material: Polycarbonate Finish: Glossy AT486 Round AT4021 Rectangular Material: Polycarbonate Finish: Glossy (11.6) Sq .457 (6.2) .244 (4.5) .177 (11.6) Dia .457 (6.2) .244 (4.5) .177 (11.6) Sq .457 (6.2) .244 (4.5) .177 (11.6) Dia .457 (6.2) .244 (4.5) .177 AT487 Square AT488 Round AT4022 Rectangular Insert Cap for Incandescent or Neon Lamp & Nonilluminated JB JC JE JF JG Lens/Filter Colors Available: (6.3) .248 (4.5) .177 (16.1) .634 (11.6) .457 (11.6) .457 (6.3) .248 (4.5) .177 (16.1) .634 Translucent Colored Lens Translucent Colored Filter Lamp AT611 Transparent Clear Lens Translucent Colored Filter Lamp AT611 Lamp AT615 Color Codes Red Amber Green Maximum Forward Current I FM 30mA 30mA 30mA Typical Forward Current I F 20mA 20mA 20mA Forward Voltage V F 1.9V 2.0V 2.1V Maximum Reverse Voltage V RM 5V 5V 5V Current Reduction Rate Above 25°C ∆I F 0.42mA/°C Ambient Temperature Range –25° ~ +50°C 5C 5D 5F No Code Red Amber Green No Resistor (+) (-) T-11⁄2 Bi-pin AT635 LEDs are colored in OFF state. Bright LED without Resistor ATTENTION ELECTROSTATIC SENSITIVE DEVICES A Nonilluminated Only; Square & Round Only |
Similar Part No. - KB25KKG01B-05-A |
|
Similar Description - KB25KKG01B-05-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |