Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5Z12V Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # ZD5Z12V
Description  150mW Surface Mount Zener Diodes-2.4V-75V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ZD5Z12V Datasheet(HTML) 3 Page - E-CMOS Corporation

  ZD5Z12V Datasheet HTML 1Page - E-CMOS Corporation ZD5Z12V Datasheet HTML 2Page - E-CMOS Corporation ZD5Z12V Datasheet HTML 3Page - E-CMOS Corporation ZD5Z12V Datasheet HTML 4Page - E-CMOS Corporation ZD5Z12V Datasheet HTML 5Page - E-CMOS Corporation ZD5Z12V Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
150mW Surface Mount
Zener Diodes-2.4V-75V
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
5A27N-Rev. F001
ECCZD5Z2V4~
ECCZD5Z75V
Rating and characteristic curves


Similar Part No. - ZD5Z12V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ZD5.1-AE3-R UTC-ZD5.1-AE3-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.1-CL2-R UTC-ZD5.1-CL2-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.1L-AE3-R UTC-ZD5.1L-AE3-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.1L-CL2-R UTC-ZD5.1L-CL2-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.6-AE3-R UTC-ZD5.6-AE3-R Datasheet
117Kb / 3P
   ZENER DIODE
More results

Similar Description - ZD5Z12V

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
logo
SeCoS Halbleitertechnol...
MM5ZXXXT SECOS-MM5ZXXXT Datasheet
61Kb / 2P
   150mW , SOT-523 Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com