Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY9C62256-70SC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY9C62256-70SC
Description  32K x 8 Magnetic Nonvolatile CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY9C62256-70SC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY9C62256-70SC Datasheet HTML 3Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 4Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 5Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 6Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 7Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 8Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 9Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 10Page - Cypress Semiconductor CY9C62256-70SC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRELIMINARY
CY9C62256
Document #: 38-15001 Rev. *E
Page 9 of 11
Package Diagrams
51-85017-*A
28-lead (600-mil) Molded DIP P15
DIMENSIONS IN INCHES[MM]
MIN.
MAX.
PIN 1 ID
0.291[7.39]
0.300[7.62]
0.394[10.01]
0.419[10.64]
0.050[1.27]
TYP.
0.092[2.33]
0.105[2.67]
0.004[0.10]
0.0118[0.30]
SEATING PLANE
0.0091[0.23]
0.0125[3.17]
0.015[0.38]
0.050[1.27]
0.013[0.33]
0.019[0.48]
0.026[0.66]
0.032[0.81]
0.697[17.70]
0.713[18.11]
()
0.004[0.10]
1
14
15
28
*
*
*
REFERENCE JEDEC MO-119
PART #
S28.3 STANDARD PKG.
SZ28.3 LEAD FREE PKG.
PACKAGE WEIGHT 0.85gms
51-85026-*C
28-Lead (300-Mil) Molded SOIC S21
MIN.
MAX.
PART #
SZ28.3 LEAD FREE PKG.


Similar Part No. - CY9C62256-70SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY9C62256-70SC CYPRESS-CY9C62256-70SC Datasheet
328Kb / 11P
   32K x 8 Magnetic Nonvolatile CMOS RAM
More results

Similar Description - CY9C62256-70SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY9C62256 CYPRESS-CY9C62256_05 Datasheet
328Kb / 11P
   32K x 8 Magnetic Nonvolatile CMOS RAM
CY9C6264 CYPRESS-CY9C6264 Datasheet
377Kb / 12P
   8K x 8 Magnetic Nonvolatile CMOS RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com