Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFL152G45TC1A219 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LFL152G45TC1A219
Description  LC Filters(LPF)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFL152G45TC1A219 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LFL152G45TC1A219 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFL152G45TC1A219 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFL152G45TC1A219 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of LFL152G45TC1A219 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=LFL152G45TC1A219
LFL152G45TC1A219
Appearance & Shape
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-
180mm Paper Tape
10000
Features
Ultra-small, low-profiled, lightweight chip filters based on ceramic
multilayer technology.
Offering stable high selectivity up to very high frequency.
1. Low loss
2. Ultra-small, low-profiled, lightweight low-pass filters.
3. Ideal for removing high-frequency harmonics at power amplifier
and IF stage.
4. Available in tape and reel packings for automatic mounting.
5. Absolutely no adjustment required.
6. Reflow solderable.
7. Center frequencies and responses are ready for customization.
Samples are available in a short lead time.
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/09


Similar Part No. - LFL152G45TC1A219

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
129Kb / 9P
   Filters for Communication Equipment
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFL152G45TC1A219 MURATA1-LFL152G45TC1A219 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFL152G45TC1A219 MURATA1-LFL152G45TC1A219 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Similar Description - LFL152G45TC1A219

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
   LC Filters(LPF)
LFL182G45TC1A108 MURATA-LFL182G45TC1A108 Datasheet
200Kb / 3P
   LC Filters(LPF)
LFL15869MTC1B787 MURATA-LFL15869MTC1B787_17 Datasheet
209Kb / 3P
   LC Filters(LPF)
LFL185G42TD1A241 MURATA-LFL185G42TD1A241_17 Datasheet
210Kb / 3P
   LC Filters(LPF)
LFL212G45TC1A007 MURATA-LFL212G45TC1A007_17 Datasheet
208Kb / 3P
   LC Filters(LPF)
LFL215G42TC1A216 MURATA-LFL215G42TC1A216 Datasheet
168Kb / 2P
   LC Filters(LPF)
LFL15829MTCTE039 MURATA-LFL15829MTCTE039 Datasheet
167Kb / 2P
   LC Filters(LPF)
LFL151G35TC7D784 MURATA-LFL151G35TC7D784 Datasheet
170Kb / 2P
   LC Filters(LPF)
logo
SAMWHA ELECTRIC
CAL2010 SAMWHA-CAL2010 Datasheet
116Kb / 1P
   LC FILTERS
CFL1608 SAMWHA-CFL1608 Datasheet
119Kb / 1P
   LC FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com