Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2318ANZPVC-11 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2318ANZPVC-11
Description  18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2318ANZPVC-11 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2318ANZPVC-11 Datasheet HTML 1Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 2Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 3Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 4Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 5Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 6Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 7Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 8Page - Cypress Semiconductor CY2318ANZPVC-11 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY2318ANZ
Document #: 38-07181 Rev. *B
Page 3 of 9
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
.
.
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0”.
• Serial interface address for the CY2318ANZ is:
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
----
Byte 0:SDRAM Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7 18
SDRAM7 (Active/Inactive)
Bit 6 17
SDRAM6 (Active/Inactive)
Bit 5 14
SDRAM5 (Active/Inactive)
Bit 4 13
SDRAM4 (Active/Inactive)
Bit 3 9
SDRAM3 (Active/Inactive)
Bit 2 8
SDRAM2 (Active/Inactive)
Bit 1 5
SDRAM1 (Active/Inactive)
Bit 0 4
SDRAM0 (Active/Inactive)
Byte 1: SDRAM Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
45
SDRAM15 (Active/Inactive)
Bit 6
44
SDRAM14 (Active/Inactive)
Bit 5
41
SDRAM13 (Active/Inactive)
Bit 4
40
SDRAM12 (Active/Inactive)
Bit 3
36
SDRAM11 (Active/Inactive)
Bit 2
35
SDRAM10 (Active/Inactive)
Bit 1
32
SDRAM9 (Active/Inactive)
Bit 0
31
SDRAM8 (Active/Inactive)
Byte 2: SDRAM Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
28
SDRAM17 (Active/Inactive)
Bit 6
21
SDRAM16 (Active/Inactive)
Bit 5
--
Reserved, drive to 0
Bit 4
--
Reserved, drive to 0
Bit 3
--
Reserved, drive to 0
Bit 2
--
Reserved, drive to 0
Bit 1
--
Reserved, drive to 0
Bit 0
--
Reserved, drive to 0


Similar Part No. - CY2318ANZPVC-11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2318BNZ CYPRESS-CY2318BNZ Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2318BNZPVC-11 CYPRESS-CY2318BNZPVC-11 Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2318BNZPVI-11 CYPRESS-CY2318BNZPVI-11 Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
More results

Similar Description - CY2318ANZPVC-11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2318BNZ CYPRESS-CY2318BNZ Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
CY2313ANZ CYPRESS-CY2313ANZ_07 Datasheet
209Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
CY2313ANZ CYPRESS-CY2313ANZ Datasheet
90Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2313ANZ ALSC-ASM2I2313ANZ Datasheet
513Kb / 13P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
ASM2I2314ANZ ALSC-ASM2I2314ANZ Datasheet
515Kb / 13P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ Datasheet
99Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
PulseCore Semiconductor
PCS2I2313ANZ PULSECORE-PCS2I2313ANZ Datasheet
516Kb / 13P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
PCS2I2314ANZ PULSECORE-PCS2I2314ANZ Datasheet
529Kb / 13P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com