Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6100 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P6100
Description  10.4 SVGA TFT Industrial LCD Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6100 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P6100_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. P6100_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
676
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
6
5
7
8
9
1
0
P6100
AC Power
Panel Mount Monitor
Resistive
P6100PR-AC-RS-V3-RC-US-EU
Resistive (USB)
P6100PR-AC-U-V3-RC-US-EU
Glass
P6100PG-AC-V3-RC-US-EU
24VDC Power
Panel Mount Monitor
Resistive
P6100PR-24VDC-RS-V3-RC
Resistive (USB)
P6100PR-24VDC-U-V3-RC
Glass
P6100PG-24VDC-V3-RC
P6100L
AC Power
Panel Mount Monitor
Resistive (RS-232)
P6100LPR-AC-RS-V3-RC-US-EU
Resistive (USB)
P6100LPR-AC-U-V3-RC-US-EU
Glass
P6100LPG-AC-V3-RC-US-EU
24VDC Power
Panel Mount Monitor
Resistive
P6100LPR-24V-DC-RS-V3-RC
Resistive (USB)
P6100LPR-24V-DC-U-V3-RC
Glass
P6100LPG-24V-DC-V3-RC
* Specification and certifications are based on options and may vary.
ARM-VM-101
VESA ARM (clamp type)
ARM-VM-105
VESA ARM (wall mount type)
Wall mounting & desktop stand
Ordering Information
Specifications
Optional Accessories
Dimensions
I/O Connectors
1 x RS-232 or USB touchscreen version
1 x VGA input
1 x DVI (Only for DVI-D)
1 x Screw-type DC power input
1 x RCA for video (optional)
1 x S-video for video (optional)
Power Adapter
Screw-type external AC/DC power adapter
Power Consumption
9 W
Touchscreen
Thickness
Resistive: 2.2 mm
Light Transmission
Resistive: 80%
Power Consumption Resistive: +5V @ 100mA
Touch Life
Resistive: 35million touches
Controller interface
RS-232 or USB
D-type 9-pin male connector
or USB connector
Dimensions
294.2 mm (11.58") (W) x 46.6 mm (1.83") (D)
x 231.2 mm (9.1") (H)
Packing Dimensions
380 mm (14.96") (W) x 190 mm (7.48") (D)
x 430 mm (16.93") (H)
Weight (net/gross)
2.6 kg (5.73 lb)/5.1 kg (11.24 lb)
Environment
Operating temperature: -10°C ~ +60°C (+14°F ~ +140°F)
Storage temperature: -30°C ~ +80°C (-22°F ~ +176°F)
Relative humidity: 20%~90% @ 40°C, non-condensing
Certificate
CE
Stand kit
Various mounting ways:
panel/wall/VESA
Phoenix-type power input


Similar Part No. - P6100_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6100 AXIOMTEK-P6100_16 Datasheet
420Kb / 2P
   Supports full range screw-type (locked) AC-in or 24V DC-in
More results

Similar Description - P6100_17

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AMB-232A AAEON-AMB-232A Datasheet
229Kb / 2P
   10.4??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122_17 Datasheet
359Kb / 2P
   12.1 SVGA TFT Industrial LCD Monitor
P6101 AXIOMTEK-P6101 Datasheet
290Kb / 2P
   10.4 XGA TFT Industrial LCD Monitor
logo
Advantech Co., Ltd.
IDS-3110 ADVANTECH-IDS-3110_14 Datasheet
324Kb / 2P
   10.4" SVGA Industrial Open Frame Monitor
IDS-3110 ADVANTECH-IDS-3110 Datasheet
349Kb / 2P
   10.4" SVGA Industrial Open Frame Monitor
IDS-3210 ADVANTECH-IDS-3210_14 Datasheet
372Kb / 2P
   10.4" SVGA Industrial Panel Mount Monitor
IDS-3210 ADVANTECH-IDS-3210 Datasheet
460Kb / 2P
   10.4' SVGA Industrial Panel Mount Monitor
logo
AU Optronics Corp.,
G104SN03V.2 AUO-G104SN03V.2 Datasheet
314Kb / 27P
   10.4 inch SVGA Color TFT LCD Module
G104SN03V.0 AUO-G104SN03V.0 Datasheet
329Kb / 25P
   10.4 inch SVGA Color TFT LCD Module
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
   10.4 SVGA TFT LCD display with LED backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com