Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28339ZCXT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28339ZCXT
Description  Intel CK408 Mobile Clock Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28339ZCXT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28339ZCXT Datasheet HTML 1Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 2Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 3Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 4Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 5Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 6Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 7Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 8Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IntelCK408 Mobile Clock Synthesizer
CY28339
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07507 Rev. *A
Revised June 25, 2004
Features
• Compliant with Intel® CK 408 rev 1.1 Mobile Clock
Synthesizer specifications
• 3.3V power supply
• Two differential CPU clocks
• Nine copies of PCI clocks
• Three copies configurable PCI free-running clocks
• Two 48 MHz clocks (USB, DOT)
• Five/six copies of 3V66 clocks
•One VCH clock
• One reference clock at 14.318 MHz
• SMBus support with read-back capabilities
• Ideal Lexmark profile Spread Spectrum electromag-
netic interference (EMI) reduction
• Dial-a-Frequency™ features
• Dial-a-dB™ features
• 48-pin TSSOP package
Note:
1.
TCLK is a test clock driven on the XTAL_IN input during test mode. M = driven to a level between 1.0V and 1.8V. If the S2 pin is at a M level during power-up,
a 0 state will be latched into the device’s internal state register.
Table 1. Frequency Table[1]
S2
S1
CPU (1:2)
3V66
66BUFF(0:2)/
3V66(0:4)
66IN/3V66–5
PCIF, PCI
REF
USB/ DOT
1
0
100M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
1
1
133M
66M
66IN
66-MHZ clock input
66IN/2
14.318M
48M
0
0
100M
66M
66M
66M
33 M
14.318M
48M
0
1
133M
66M
66M
66M
33 M
14.318M
48M
M
0
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
TCLK
TCLK/2
Pin Configuration
Block Diagram
VDD_REF
CPUT1:2
CPUC1:2
PCIF
XTAL
PLL Ref Freq
X2
X1
REF
VDD_PCI
USB (48MHz)
VCH_CLK/ 3V66_1
OSC
VDD_CPU
CPU_STOP#
SCLK
PCI0:2
PCI_STOP#
Stop
Clock
Control
Stop
Clock
Control
PLL 1
SMBus
Logic
DOT (48MHz)
PD#
S1:2
VDD_48MHz
SDATA
VDD_3V66
3V66_0:1
3V66_2:4/
Divider
Network
3V66_5/ 66IN
PWR
PWR
PWR
PWR
PWR
PLL 2
PWR
66BUFF0:2
Gate
VTT_PWRGD##
/2
Top View
1
2
3
4
5
6
7
8
9
10
11
12
25
28
27
XIN
26
13
14
15
16
17
18
19
20
21
22
23
24
37
36
35
34
33
29
30
31
32
40
39
38
XOUT
GND_REF
PCI7
41
44
43
42
45
48
47
46
PCI2
66BUFF0/3V66_2
GND_CORE
SCLK
GND_48 MHz
CPUT2
CPU_STOP#
GND_PCI
VDD_3V66
66IN/3V66_5
3V66_0
USB_48MHz
CPUC1
VDD_REF
PCI8
PCIF
PCI0
PCI1
VDD_PCI
PCI4
PCI5
PCI6
GND_3V66
66BUFF1/3V66_3
66BUFF2/3V66_4
PD#
VDD_CORE
VTT_PWRGD#
SDATA
GND_3V66
VDD_3V66
PCI_STOP#
3V66_1/VCH
VDD_48 MHz
DOT_48MHz
S2
IREF
CPUC2
VDD_CPU
GND_CPU
CPUT1
VDD_CPU
S1
REF
PCI4:8


Similar Part No. - CY28339ZCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28339ZCXT SPECTRALINEAR-CY28339ZCXT Datasheet
160Kb / 17P
   Intel CK408 Mobile Clock Synthesizer
More results

Similar Description - CY28339ZCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28339 SPECTRALINEAR-CY28339 Datasheet
160Kb / 17P
   Intel CK408 Mobile Clock Synthesizer
logo
Renesas Technology Corp
MK1492-03 RENESAS-MK1492-03 Datasheet
222Kb / 8P
   Intel™ Mobile/SDRAM Clock Source
2019
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Cypress Semiconductor
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com