Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBF545SL Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SMBF545SL
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBF545SL Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SMBF545SL Datasheet HTML 1Page - GOOD-ARK Electronics SMBF545SL Datasheet HTML 2Page - GOOD-ARK Electronics SMBF545SL Datasheet HTML 3Page - GOOD-ARK Electronics SMBF545SL Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBF520SL thru SMBF545SL
Surface Mount Schottky Rectifier
Reverse Voltage 20~45V Forward Current 5A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.2mm
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity protection application
VRRM
20
30
40
45
V
VRMS
14
21
28
31.5
V
VDC
20
30
40
45
V
IF(AV)
1)
A
IFSM
A
I
2t
A
2sec
TJ, TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=1mA
VBR
20
30
40
45
IF=5A, Ta=25℃
IF=5A, Ta=125℃
Ta=25℃
uA
Ta=100℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA
juntion to case
RθJC
juntion to lead
RθJL
Note1):Mounted on PCB with 8*8mm copper pad,2 OZ,FR4 PCB;
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
SMBF520SL
SMBF530SL
SMBF540SL
SMBF545SL
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
5.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
150
Operating junction and storage temperature
range
- 55 to + 125
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Rating for fusing(t<8.3ms)
93.8
Parameter
Test Conditions Symbol
Maximum DC reverse current
at rated DC blocking voltage
IR
150
Maximum Instantaneous
forward voltage
20
290
62
25
7
Unit
VF
0.45
0.40
Volts
SMBF520SL
SMBF530SL
SMBF540SL
SMBF545SL
℃/W
SMBF
www.goodark.com
1/4
2016.03-Rev.A


Similar Part No. - SMBF545SL

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMBF51 SUNMATE-SMBF51 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
GOOD-ARK Electronics
SMBF5100S GOOD-ARK-SMBF5100S Datasheet
383Kb / 4P
   Surface Mount Schottky Rectifier
SMBF5100SL GOOD-ARK-SMBF5100SL Datasheet
387Kb / 4P
   Surface Mount Schottky Rectifier
SMBF5150S GOOD-ARK-SMBF5150S Datasheet
385Kb / 4P
   Surface Mount Schottky Rectifier
logo
SUNMATE electronic Co.,...
SMBF51A SUNMATE-SMBF51A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMBF545SL

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com