Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G07DCKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G07DCKT
Description  LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G07DCKT Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G07DCKT Datasheet HTML 1Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G07DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74AUP1G07
LOW-POWER SINGLE BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
SCES591A – JULY 2004 – REVISED JULY 2005
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 3 and 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85
°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
18.2
1.2 V
± 0.1 V
4.9
7.3
10.4
3.2
17.6
1.5 V
± 0.1 V
3.8
5.2
6.8
2.6
10.2
tpd
A
Y
ns
1.8 V
± 0.15 V
3.4
4.8
6.7
2.2
7.9
2.5 V
± 0.2 V
2.4
3.4
4.5
1.9
5.3
3.3 V
± 0.3 V
2.2
3.7
5.4
1.8
6.1
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85
°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
26.5
1.2 V
± 0.1 V
8.1
10.7
14.4
4.5
21.9
1.5 V
± 0.1 V
6.5
7.7
9.4
3.8
13
tpd
A
Y
ns
1.8 V
± 0.15 V
5.8
7.5
9.7
3.2
11
2.5 V
± 0.2 V
4.5
5.4
6.7
3
7.1
3.3 V
± 0.3 V
3.9
6.3
9.7
2.8
10.4
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
1
1.2 V
± 0.1 V
1
1.5 V
± 0.1 V
1
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V
± 0.15 V
1
2.5 V
± 0.2 V
1
3.3 V
± 0.3 V
1
5


Similar Part No. - SN74AUP1G07DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07DCKT TI-SN74AUP1G07DCKT Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DCKT TI1-SN74AUP1G07DCKT Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07DCKTE4 TI-SN74AUP1G07DCKTE4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DCKTG4 TI-SN74AUP1G07DCKTG4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74AUP1G07DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com