Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3930E Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS3930E
Description  Hex Nonvolatile Potentiometer with I/O and Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3930E Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS3930E Datasheet HTML 1Page - Dallas Semiconductor DS3930E Datasheet HTML 2Page - Dallas Semiconductor DS3930E Datasheet HTML 3Page - Dallas Semiconductor DS3930E Datasheet HTML 4Page - Dallas Semiconductor DS3930E Datasheet HTML 5Page - Dallas Semiconductor DS3930E Datasheet HTML 6Page - Dallas Semiconductor DS3930E Datasheet HTML 7Page - Dallas Semiconductor DS3930E Datasheet HTML 8Page - Dallas Semiconductor DS3930E Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Hex Nonvolatile Potentiometer with
I/O and Memory
2
______________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40° to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC Relative to Ground...................... -0.5V to +6.0V
Voltage on I/O0, I/O1, I/O2, I/O3, SDA, SCL, A0, A1, and A2
Relative to Ground* .............................. -0.5V to (VCC + 0.5V)
Voltage on LO0-5, W0-5, HI0-2, and HI3-5
Relative to Ground ............................................-0.5V to +6.0V
Current Through W0-5........................................................ ±1mA
Operating Temperature Range .......................... -40°C to +85°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature.................. See IPC/JEDEC J-STD-020A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
Input Logic 1 (SDA, SCL, A0, A1,
A2, I/O0, I/O1, I/O2, I/O3)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (SDA, SCL, A0, A1,
A2, I/O0, I/O1, I/O2, I/O3)
VIL
-0.3
0.3 x
VCC
V
Wiper Current
IW
-1
+1
mA
Potentiometer Terminals
(LO0-5, W0-5, HI0-2, and HI3-5)
VCC = +2.7V to +5.5V
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V; TA = -40°C to +85°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
IIL
-1
+1
µA
VOL1
3mA sink current
0
0.4
V
Low-Level Output Voltage (SDA,
I/O0, I/O1, I/O2, I/O3)
VOL2
6mA sink current
0
0.6
V
I/O Capacitance
CI/O
10
pF
I/O Pullup Resistor Value
RI/O
3.5
5
7.0
k
3V (Note 2)
160
300
Standby Current
ISTBY
5V (Note 2)
195
350
µA
*This voltage must not exceed 6.0V.


Similar Part No. - DS3930E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3930 MAXIM-DS3930 Datasheet
17Kb / 4P
   RELIABILITY REPORT FOR DS3930, REV A1
08/01/03 Rev A1
More results

Similar Description - DS3930E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
   CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
Dallas Semiconductor
DS1855 DALLAS-DS1855 Datasheet
252Kb / 20P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
AD5255 AD-AD5255 Datasheet
626Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. 0
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com