Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138AML Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 138AML_17 Datasheet HTML 2Page - Vishay Siliconix 138AML_17 Datasheet HTML 3Page - Vishay Siliconix 138AML_17 Datasheet HTML 4Page - Vishay Siliconix 138AML_17 Datasheet HTML 5Page - Vishay Siliconix 138AML_17 Datasheet HTML 6Page - Vishay Siliconix 138AML_17 Datasheet HTML 7Page - Vishay Siliconix 138AML_17 Datasheet HTML 8Page - Vishay Siliconix 138AML_17 Datasheet HTML 9Page - Vishay Siliconix 138AML_17 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 10-Jan-17
6
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 6 - Typical multiplier of capacitance as a function of
ambient temperature
Fig. 7 - Typical multiplier of capacitance as a function of
ambient temperature
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR:
case Ø D x L = 6.3 mm x 12.7 mm and
7.7 mm x 12.7 mm
IL1  0.02 CR x UR + 3 μA
case Ø D x L = 6.5 mm x 18 mm to
21 mm x 38 mm
IL1  0.006 CR x UR + 4 μA
After 5 min at UR
IL5  0.002 CR x UR + 4 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L mm:
6.3 x 12.7
Typ. 20 nH
-
7.7 x 12.7
Typ. 30 nH
-
6.5 x 18
Typ. 15 nH
-
8 x 18
Typ. 35 nH
-
10 x 18
Typ. 69 nH
-
10 x 25
Typ. 38 nH
-
10 x 30
Typ. 38 nH
-
12.5 x 30
Typ. 46 nH
-
15 x 30
Typ. 48 nH
Typ. 39 nH
18 x 30
Typ. 50 nH
Typ. 39 nH
18 x 38
Typ. 54 nH
Typ. 39 nH
21 x 38
Typ. 59 nH
Typ. 39 nH
T
amb (°C)
Case Ø D x L = 6.3 mm x 12.7 mm to 10 mm x 25 mm
C
0 = Typical at 20 °C, 100 Hz
0.6
0.7
0.8
0.9
1.0
1.1
C
0
C
1
2
3
4
1
2
3
4
- 60
- 40
- 20
0
20
40
60
80
100
120
Curve 1: 6.3 V and 10 V
Curve 2: 16 V and 40 V
Curve 3: 50 V and 63 V
Curve 4: 100 V
T
amb (°C)
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
C
0 = Typical at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
0.7
0.8
0.9
1.0
1.1
1.2
C
C
1
0
2
1
2
Curve 1: 10 V
Curve 2: 100 V


Similar Part No. - 138AML_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
More results

Similar Description - 138AML_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com