Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2260CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2260CS
Description  Dual/Quad 130MHz Current Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2260CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2260CS Datasheet HTML 3Page - Intersil Corporation EL2260CS Datasheet HTML 4Page - Intersil Corporation EL2260CS Datasheet HTML 5Page - Intersil Corporation EL2260CS Datasheet HTML 6Page - Intersil Corporation EL2260CS Datasheet HTML 7Page - Intersil Corporation EL2260CS Datasheet HTML 8Page - Intersil Corporation EL2260CS Datasheet HTML 9Page - Intersil Corporation EL2260CS Datasheet HTML 10Page - Intersil Corporation EL2260CS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Typical Performance Curves (Continued)
Offset Voltage
vs Die Temperature
(4 Samples)
Supply Current
vs Die Temperature
(Per Amplifier)
Supply Current
vs Supply Voltage
(Per Amplifier)
+Input Resistance
vs Die Temperature
Input Current
vs Die Temperature
+Input Bias Current
vs Input Voltage
Output Voltage Swing
vs Die Temperature
Short Circuit Current
vs Die Temperature
PSRR & CMRR
vs Die Temperature
EL2260, EL2460


Similar Part No. - EL2260CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2260CS ELANTEC-EL2260CS Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
More results

Similar Description - EL2260CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com