Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199PEL-SI Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 199PEL-SI
Description  Aluminum Capacitors Power Economy Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199PEL-SI Datasheet(HTML) 5 Page - Vishay Siliconix

  199PEL-SI_17 Datasheet HTML 1Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 2Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 3Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 4Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 5Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 6Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 7Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 8Page - Vishay Siliconix 199PEL-SI_17 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
199 PEL-SI
www.vishay.com
Vishay BCcomponents
Not for New Designs - Alternative Device: 159 PUL-SI
Revision: 10-Jan-17
5
Document Number: 28363
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
250
220
22 x 30
1.14
1.10
0.75
294
43221E3
220
25 x 25
0.94
1.10
0.75
317
53221E3
270
22 x 35
1.11
1.35
0.61
240
43271E3
270
25 x 30
1.12
1.35
0.61
247
53271E3
270
30 x 25
1.11
1.35
0.61
274
63271E3
330
22 x 40
1.27
1.50
0.50
199
33331E3
330
25 x 30
1.20
1.50
0.50
216
43331E3
330
30 x 25
1.17
1.50
0.50
250
53331E3
390
25 x 35
1.35
1.50
0.43
186
43391E3
390
30 x 30
1.38
1.50
0.43
196
53391E3
470
25 x 40
1.52
1.50
0.35
158
33471E3
470
30 x 30
1.43
1.50
0.35
181
43471E3
470
35 x 25
1.28
1.50
0.53
240
53471E3
560
30 x 35
1.60
1.50
0.30
158
53561E3
560
35 x 30
1.59
1.50
0.44
172
63561E3
680
30 x 40
1.79
1.50
0.24
135
43681E3
680
35 x 35
1.76
1.50
0.37
150
53682E3
820
30 x 45
2.00
1.50
0.20
116
43821E3
820
35 x 35
1.77
1.50
0.30
147
53821E3
820
35 x 40
1.96
1.50
0.30
130
63821E3
1000
35 x 40
1.96
1.50
0.25
127
53102E3
1000
35 x 45
2.17
1.50
0.25
111
63102E3
1200
35 x 45
2.16
1.50
0.21
110
43122E3
1200
35 x 50
2.38
1.50
0.21
98
53122E3
400
47
22 x 25
0.41
0.38
5.29
3127
56479E3
56
22 x 25
0.45
0.45
4.44
2635
56569E3
68
22 x 25
0.49
0.54
3.66
2161
56689E3
82
22 x 30
0.57
0.66
3.03
1788
46829E3
82
25 x 25
0.58
0.66
3.03
1808
56829E3
100
22 x 35
0.66
0.80
2.49
1467
46101E3
100
25 x 30
0.67
0.80
2.49
1472
56101E3
120
22 x 35
0.72
0.96
2.07
1231
46121E3
120
25 x 30
0.73
0.96
2.07
1238
56121E3
120
30 x 25
0.75
0.96
2.07
1266
66121E3
150
22 x 40
0.84
1.20
1.66
990
36151E3
150
25 x 35
0.85
1.20
1.66
997
46151E3
150
30 x 30
0.89
1.20
1.66
1006
56151E3
180
25 x 40
0.97
1.44
1.38
835
36181E3
180
30 x 30
0.96
1.44
1.38
854
46181E3
180
35 x 25
0.94
1.44
1.38
907
56181E3
220
30 x 35
1.09
1.50
1.13
707
56221E3
220
35 x 30
1.12
1.50
1.13
719
66221E3
270
25 x 50
1.25
1.50
0.92
564
46271E3
270
30 x 40
1.24
1.50
0.92
582
56271E3
270
35 x 30
1.19
1.50
0.92
611
66271E3
330
30 x 45
1.41
1.50
0.75
480
56331E3
330
35 x 35
1.34
1.50
0.75
510
66331E3
390
30 x 50
1.56
1.50
0.64
410
46391E3
390
35 x 40
1.50
1.50
0.64
435
56391E3
470
35 x 45
1.68
1.50
0.53
365
56471E3
470
35 x 50
1.68
1.50
0.53
365
66471E3
560
35 x 50
1.85
1.50
0.44
311
56561E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(mA)
MAX. ESR
120 Hz (1)
(
)
MAX. Z
10 kHz
(m
)
ORDERING
CODE
MAL2199.......


Similar Part No. - 199PEL-SI_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
More results

Similar Description - 199PEL-SI_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 18-Aug-08
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com