Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5111IWT-T7A Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5111IWT-T7A
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5111IWT-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5111IWT-T7A Datasheet HTML 4Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 5Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 6Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 7Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 8Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 9Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 10Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 11Page - Intersil Corporation EL5111IWT-T7A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN7119.4
FIGURE 25. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 26. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
50ns/DIV
1V STEP
VS=±5V
TA=25°C
AV=1
RL=1kΩ
50ns/DIV
100mV STEP
VS=±5V
TA=25°C
AV=1
RL=1kΩ
Pin Descriptions
EL5111
(TSOT-5)
EL5111
(HMSOP8)
EL5211
(HMSOP8)
EL5411
( HTSSOP14)
NAME
FUNCTION
EQUIVALENT CIRCUIT
1
6
1
1
VOUTA
Amplifier A output
4
2
2
2
VINA-
Amplifier A inverting input
3
3
3
3
VINA+
Amplifier A non-inverting input
(Reference Circuit 2)
5
7
8
4
VS+
Positive power supply
5
5
VINB+
Amplifier B non-inverting input
(Reference Circuit 2)
6
6
VINB-
Amplifier B inverting input
(Reference Circuit 2)
7
7
VOUTB
Amplifier B output
(Reference Circuit 1)
8
VOUTC
Amplifier C output
(Reference Circuit 1)
9
VINC-
Amplifier C inverting input
(Reference Circuit 2)
10
VINC+
Amplifier C non-inverting input
(Reference Circuit 2)
2
4
4
11
VS-
Negative power supply
12
VIND+
Amplifier D non-inverting input
(Reference Circuit 2)
13
VIND-
Amplifier D inverting input
(Reference Circuit 2)
14
VOUTD
Amplifier D output
(Reference Circuit 1)
1, 5, 8
NC
Not connected
VS+
GND
VS-
CIRCUIT 1
VS+
VS-
CIRCUIT 2


Similar Part No. - EL5111IWT-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111IWT-T7A INTERSIL-EL5111IWT-T7A Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWT-T7A INTERSIL-EL5111IWT-T7A Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5111IWT-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com