Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPT-3216EC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # KPT-3216EC
Description  3.2x1.6mm SUPER THIN SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KPT-3216EC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  KPT-3216EC Datasheet HTML 1Page - List of Unclassifed Manufacturers KPT-3216EC Datasheet HTML 2Page - List of Unclassifed Manufacturers KPT-3216EC Datasheet HTML 3Page - List of Unclassifed Manufacturers KPT-3216EC Datasheet HTML 4Page - List of Unclassifed Manufacturers KPT-3216EC Datasheet HTML 5Page - List of Unclassifed Manufacturers KPT-3216EC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1-KPT3216-6
KPT-3216 Series SMT Reflow Soldering Instructions
(Units : mm)
KPT-3216 Series Recommended Soldering Pattern
KPT-3216 Series Tape Specifications


Similar Part No. - KPT-3216EC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPT-3216EC TO-GRACE-KPT-3216EC Datasheet
844Kb / 4P
   3.2 mm x 1.6 mm SMD Chip LED Lamp
More results

Similar Description - KPT-3216EC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KP-3216 KINGBRIGHT-KP-3216 Datasheet
833Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
KP-3216 ETC-KP-3216 Datasheet
586Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
Kingbright Corporation
KPTD-3216 KINGBRIGHT-KPTD-3216 Datasheet
143Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMPS
AP3216SGC KINGBRIGHT-AP3216SGC Datasheet
141Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMPS
KPH-1608 KINGBRIGHT-KPH-1608 Datasheet
130Kb / 6P
   1.6x0.8mm SUPER THIN SMD CHIP LED LAMPS
KP-1608 KINGBRIGHT-KP-1608 Datasheet
597Kb / 6P
   1.6x0.8mm SUPER THIN SMD CHIP LED LAMPS
KPT-2012 KINGBRIGHT-KPT-2012 Datasheet
587Kb / 6P
   2.0x1.2mm SUPER THIN SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
APH1608XXX ETC-APH1608XXX Datasheet
219Kb / 1P
   SUPER THIN SMD CHIP LED 1608
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SECK KINGBRIGHT-APTD3216SECK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com