Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0010894266 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0010894266
Description  2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0010894266 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0010894266_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0010894266_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0010894266
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle, 26
Circuits, 6.10mm Mating Pin Length, 0.76µm Gold (Au) Selective Plating
Documents:
3D Model
Product Specification TS-70541-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70216-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70216
Application
Board-to-Board, Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid
UPC
800755018684
Physical
Breakaway
Yes
Circuits (Loaded)
26
Circuits (maximum)
26
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
2.133/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.79mm
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Solder Process Data
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70216 Series


Similar Part No. - 0010894266_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010894266 MOLEX1-0010894266 Datasheet
130Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 26 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective Plating
More results

Similar Description - 0010894266_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010894106 MOLEX1-0010894106_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010894122 MOLEX1-0010894122_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010883301 MOLEX1-0010883301_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010883041 MOLEX1-0010883041_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010883101 MOLEX1-0010883101_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010894086 MOLEX1-0010894086_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010894146 MOLEX1-0010894146_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010894166 MOLEX1-0010894166_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010883201 MOLEX1-0010883201_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010894066 MOLEX1-0010894066_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
0010894162 MOLEX1-0010894162_17 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, High Profile, Dual Row, Right Angle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com