Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143EET1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # DTC143EET1G
Description  Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC143EET1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button DTC143EET1G Datasheet HTML 2Page - ON Semiconductor DTC143EET1G Datasheet HTML 3Page - ON Semiconductor DTC143EET1G Datasheet HTML 4Page - ON Semiconductor DTC143EET1G Datasheet HTML 5Page - ON Semiconductor DTC143EET1G Datasheet HTML 6Page - ON Semiconductor DTC143EET1G Datasheet HTML 7Page - ON Semiconductor DTC143EET1G Datasheet HTML 8Page - ON Semiconductor DTC143EET1G Datasheet HTML 9Page - ON Semiconductor DTC143EET1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DTC114EET1 Series
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS − DTC144EET1
Figure 13. VCE(sat) versus IC
0
2
468
10
100
10
1
0.1
0.01
0.001
Vin, INPUT VOLTAGE (VOLTS)
TA =−25°C
75°C
25°C
Figure 14. DC Current Gain
Figure 15. Output Capacitance
100
10
1
0.1
010
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 16. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75°C
25°C
−25°C
100
10 1
100
25°C
75°C
50
0
1020
3040
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. Input Voltage versus Output Current
0
20
40
50
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
25°C
75°C
VCE = 10 V
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
TA =−25°C
TA =−25°C


Similar Part No. - DTC143EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC143EET1G ONSEMI-DTC143EET1G Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
DTC143EET1G ONSEMI-DTC143EET1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
August, 2012 ??Rev. 0
DTC143EET1G ONSEMI-DTC143EET1G Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
DTC143EET1G ONSEMI-DTC143EET1G Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
DTC143EET1G ONSEMI-DTC143EET1G Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
More results

Similar Description - DTC143EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com