Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0010897081 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0010897081
Description  2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0010897081 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0010897081_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0010897081_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0010897081
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature, 8
Circuits, Tin (Sn) Plating, 2.72mm PC Tail Length
Documents:
3D Model
Product Specification PS-70280-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70280
Application
Board-to-Board, Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid
UPC
800755021660
Physical
Breakaway
Yes
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
0.493/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
2.79mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70280 Series


Similar Part No. - 0010897081_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010897081 MOLEX1-0010897081 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 8 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
More results

Similar Description - 0010897081_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010897560 MOLEX1-0010897560_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897640 MOLEX1-0010897640_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897642 MOLEX1-0010897642_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897740 MOLEX1-0010897740_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897781 MOLEX1-0010897781_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897101 MOLEX1-0010897101_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897141 MOLEX1-0010897141_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897142 MOLEX1-0010897142_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897161 MOLEX1-0010897161_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897182 MOLEX1-0010897182_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
0010897201 MOLEX1-0010897201_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Breakaway Header, Dual Row, Vertical, High Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com