Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFW330 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IFW330
Description  Industrial Firewall Appliance with 2 WAN and 1 LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFW330 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IFW330_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. IFW330_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
386
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Dimensions
Ordering Information
Standard
IFW330
Robust DIN-rail industrial firewall appliance with 2 WAM &
1 LAN with wide operating temperature -40°C ~ +75°C
(-40°F ~ +167°F)
Hardware
Standard Color
Sliver-Black
Construction
Extruded aluminum and heavy-duty steel, IP40
CPU
Intel® Atom™ processor E3815 (1.4 GHz)
System I/O Outlet
VGA: 1 x DB15 connector
USB: 1 x USB 2.0
LAN: 3 10/100/1000 Ethernet
Magnetic isolation protection 1.5KV
Power Input: 1 x DC power input with terminal block
Serial port:
1 console port (RS-232)
1 serial port (RS-232/422/485) (reserved)
Digital Input/Output:
1 DB9 female connector
4 DI, 4 DO
5V TTL-level
ESD protection corresponding to IEC6100-4-2 (±8 kv (Air)):
± 4KV (contact)
I/O sink current is 10mA (max.)
Memory/Storage
2GB DRAM, 2GB CompactFlash™
System Indicator
System : Power, Ready/Active
Power Supply
Wide range 12 VDC-24 VDC power input with terminal block
DC Version: OVP, UVP, Reverse protection
Operating Temperature
-40°C ~ +75°C (-40°F ~ +167°F)
Humidity
5% ~ 95%
Vibration Endurance
2G @ 5~500Hz, amplitude 0.35mm (operation/storage/
transport)
Weight
1 kg
Certification
Heavy Industrial CE
FCC Part 18
UL 60950-1 (compliance)
UL 508 (compliance)
Dimensions
48 mm (1.89") (W) x 110 mm (4.33") (D) x 155 mm (17.9") (H)


Similar Part No. - IFW330_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFW330 AXIOMTEK-IFW330 Datasheet
187Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
More results

Similar Description - IFW330_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFW330 AXIOMTEK-IFW330 Datasheet
187Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
IFW320 AXIOMTEK-IFW320_17 Datasheet
224Kb / 2P
   Robust Industrial Firewall Appliance
logo
Lanner All Rights Reser...
NCR-1567 LANNER-NCR-1567 Datasheet
1Mb / 2P
   Rugged IP67 Wireless Edge Appliance for Industrial SD-WAN and Cybersecurity
logo
Allied Components Inter...
AT3973I ALLIED-AT3973I Datasheet
921Kb / 1P
   Ethernet based LAN, WAN and other networking applications
logo
AAEON Technology
BOXER-6404WT-A1-1010 AAEON-BOXER-6404WT-A1-1010 Datasheet
199Kb / 2P
   Quad GbE LAN Port for Industrial Network Appliance
logo
Moxa Inc.
EDR-G902 MOXA-EDR-G902 Datasheet
966Kb / 6P
   Industrial secure routers with firewall/NAT/VPN
EDR-G903 MOXA-EDR-G903 Datasheet
1Mb / 6P
   Industrial secure routers with firewall/NAT/VPN
logo
Vitesse Semiconductor C...
VSC8489-10 VITESSE-VSC8489-10 Datasheet
411Kb / 2P
   Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
logo
Maxim Integrated Produc...
MAX3766 MAXIM-MAX3766 Datasheet
250Kb / 20P
   622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
19-1249; Rev 0b; 10/97
logo
Schurter Inc.
4741 SCHURTER-4741_21 Datasheet
287Kb / 2P
   Distribution Unit with 1 IEC Appliance Inlet C14 and 2 Appliance Outlets F, Shuttered
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com