Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC1020Y-D Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # ECC1020Y-D
Description  10.0A Surface Mount Schottky Barrier Rectifiers - 20V-100V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECC1020Y-D Datasheet(HTML) 6 Page - E-CMOS Corporation

  ECC1020Y-D Datasheet HTML 1Page - E-CMOS Corporation ECC1020Y-D Datasheet HTML 2Page - E-CMOS Corporation ECC1020Y-D Datasheet HTML 3Page - E-CMOS Corporation ECC1020Y-D Datasheet HTML 4Page - E-CMOS Corporation ECC1020Y-D Datasheet HTML 5Page - E-CMOS Corporation ECC1020Y-D Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 6
5E14N-Rev. F001
ECC1020Y~
ECC10100Y
10.0A Surface Mount Schottky Barrier
Rectifiers - 20V-100V
Packing information
Typical Audio Small-Signal Characteristics Noise Figure Variations
(VCE=5.0 V. TA=25 °C, Bandwidth=1.0Hz)
Unit:mm
Item
Symbol
Tolerance
DPAK
Carrier width
A
0.1
6.90
Carrier length
B
0.1
10.50
Carrier depth
C
0.1
2.70
Sprocket hole
d
0.1
1.50
13" Reel outside diameter
D
2.0
330.00
13" Reel inner diameter
D1
min
50.00
7" Reel outside diameter
D
2.0
-
7" Reel inner diameter
D1
min
-
Feed hole diameter
D2
0.5
13.00
Sprocket hole position
E
0.1
1.75
Punch hole position
F
0.1
7.50
Punch hole pitch
P
0.1
8.00
Sprocket hole pitch
P0
0.1
4.00
Embossment center
P1
0.1
2.00
Overall tape thickness
T
0.1
0.23
Tape width
W
0.3
16.00
Reel width
W1
1.0
22.00


Similar Part No. - ECC1020Y-D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
ECC100US12 XPPOWER-ECC100US12 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
ECC100US12 XPPOWER-ECC100US12 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
ECC100US15 XPPOWER-ECC100US15 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
ECC100US15 XPPOWER-ECC100US15 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
More results

Similar Description - ECC1020Y-D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SKFM1020C-D2 FORMOSA-SKFM1020C-D2 Datasheet
169Kb / 7P
   10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
PACELEADER INDUSTRIAL
MBR10100AULPS PACELEADER-MBR10100AULPS Datasheet
383Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 100V
MBR10100CT PACELEADER-MBR10100CT Datasheet
358Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 100V
logo
E-CMOS Corporation
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
logo
PACELEADER INDUSTRIAL
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
PFM320-MT PACELEADER-PFM320-MT Datasheet
388Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
Nanjing International G...
SB1045L-10A-TO-277 DGNJDZ-SB1045L-10A-TO-277 Datasheet
205Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SB1050L-10A-TO-277 DGNJDZ-SB1050L-10A-TO-277 Datasheet
205Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SB10100L-10A-TO-277 DGNJDZ-SB10100L-10A-TO-277 Datasheet
205Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SR1045L-10A-TO-277 DGNJDZ-SR1045L-10A-TO-277 Datasheet
209Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com