Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC1630C-D2 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # ECC1630C-D2
Description  16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECC1630C-D2 Datasheet(HTML) 3 Page - E-CMOS Corporation

  ECC1630C-D2 Datasheet HTML 1Page - E-CMOS Corporation ECC1630C-D2 Datasheet HTML 2Page - E-CMOS Corporation ECC1630C-D2 Datasheet HTML 3Page - E-CMOS Corporation ECC1630C-D2 Datasheet HTML 4Page - E-CMOS Corporation ECC1630C-D2 Datasheet HTML 5Page - E-CMOS Corporation ECC1630C-D2 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
5E14N-Rev. F001
ECC1620C-D2~
ECC16200C-D2
16.0A Surface Mount Schottky Barrier
Rectifiers - 20V-200V
Rating and characteristic curves (ECC1620C-D2 THRU ECC16200C-D2)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.2-TYPICAL FORWARD CHARACTERISTICS


Similar Part No. - ECC1630C-D2

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
ECC100US12 XPPOWER-ECC100US12 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
ECC100US12 XPPOWER-ECC100US12 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
ECC100US15 XPPOWER-ECC100US15 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
ECC100US15 XPPOWER-ECC100US15 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
More results

Similar Description - ECC1630C-D2

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
   16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
   20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
   2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SKFM1020C-D2 FORMOSA-SKFM1020C-D2 Datasheet
169Kb / 7P
   10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
WILLAS ELECTRONIC CORP
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
   1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com