Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116RLL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 4 Page - Vishay Siliconix

  116RLL_16 Datasheet HTML 1Page - Vishay Siliconix 116RLL_16 Datasheet HTML 2Page - Vishay Siliconix 116RLL_16 Datasheet HTML 3Page - Vishay Siliconix 116RLL_16 Datasheet HTML 4Page - Vishay Siliconix 116RLL_16 Datasheet HTML 5Page - Vishay Siliconix 116RLL_16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
116 RLL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
4
Document Number: 28316
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 6 - Typical multiplier of capacitance
as a function of ambient temperature
Fig. 7 - Typical multiplier of capacitance
as a function of ambient frequency
IMPEDANCE (Z)
Fig. 8 - Typical impedance as a function of frequency
Fig. 9 - Typical impedance as a function of frequency
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.3 UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR
IL1  0.006 CR x UR + 3 μA
After 5 min at UR
IL5  0.001 CR x UR + 3 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L = 5 mm x 11 mm
Typ. 13 nH
Case Ø D x L = 8.2 mm x 11 mm
Typ. 16 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2 f C
R
0.6
0.7
0.8
0.9
1.0
1.1
C
0
C
1
2
3
4
1
2
3
4
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (°C)
C
0 = Capacitance at 20 °C, 100 Hz
Curve 1: 6.3 V
Curve 2: 10 V, 16 V
Curve 3: 35 V, 40 V, 63 V, 100 V
Curve 4: 50 V
105
104
103
102
10
f (Hz)
0.7
0.8
0.9
1.0
C
0
C
2
1
3
4
6
5
7
7
1
C
0 = Capacitance at 20 °C, 100 Hz
Curve 1: 50 V (
≤ 2.2 µF)
Curve 2: 50 V (
> 2.2 µF)
Curve 3: 50 V (
≥ 15 µF)
Curve 4: 35 V, 40 V, 63 V, 100 V
Curve 5: 25 V
Curve 6: 16 V
Curve 7: 6.3 V, 10 V
T
amb (°C)
T
amb (°C)
f (Hz)
10
1
Z
( )
Ω
1
3
2
4
5
7
8
6
10
2
10
3
10
4
10
5
10
6
10
3
10
2
Case Ø D x L = 5 mm x 11 mm
Curve 1: 1.5 µF
Curve 2: 2.2 µF
Curve 3: 3.3 µF
Curve 4: 4.7 µF
Curve 5: 6.8 µF
Curve 6: 10 µF
Curve 7: 15 µF
Curve 8: 22 µF
T
amb (°C)
Case Ø D x L = 8.2 mm x 11 mm
1
10
-1
f (Hz)
Z
(
Ω)
2
1
3
4
6
5
7
8
10
9
11
12
13
10
2
10
3
10
4
10
5
106
10
3
10
2
10
Curve 1: 2.2 µF
Curve 2: 4.7 µF
Curve 3: 10 µF, 100 V
Curve 4: 10 µF, 50 V
Curve 5: 22 µF, 50 V
Curve 6: 33 µF
Curve 7: 47 µF
Curve 8: 68 µF
Curve 9: 100 µF


Similar Part No. - 116RLL_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results

Similar Description - 116RLL_16

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com