Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT41016-45TC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT41016-45TC
Description  64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41016-45TC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT41016-45TC Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41016-45TC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
G -LINK
GLT41016
64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Dec 1998 (Rev 2.1)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 5 -
Truth Table: GLT41016
Function
RAS
CASL CASH
WE
OE
ADDRESS
DQs
Notes
Standby
H
H
→X H→X
X
X
High-Z
Read: Word
L
L
L
H
L
ROW/COL Data Out
Read: Lower Byte
L
L
H
H
L
ROW/COL Lower Byte,Data-
Out
Upper Byte,High-Z
Read: Upper Byte
L
H
L
H
L
ROW/COL Lower Byte,High-Z
Upper Byte,Data-
Out
Write: Word(Early Write)
L
L
L
L
X
ROW/COL Data-In
Write: Lower Byte (Early)
L
L
H
L
X
ROW/COL Lower Byte,Data-In
Upper Byte,High-Z
Write: Upper Byte (Early)
L
H
L
L
X
ROW/COL Lower Byte,High-Z
Upper Byte,Data-In
Read Write
L
L
L
H
→L
L
→H
ROW/COL Data-Out,Data-In
1,2
EDO-Page-
Mode Read
1st Cycle
2nd Cycle
L
L
H
→L
H
→L
H
→L
H
→L
H
H
L
L
ROW/COL
COL
Data-Out
Data-Out
1
1
EDO-Page-
Mode Write
1st Cycle
2nd Cycle
L
L
H
→L
H
→L
H
→L
H
→L
L
L
X
X
ROW/COL
COL
Data-In
Data-In
2
2
EDO-Page-
Mode Read-
Write
1st Cycle
2nd Cycle
L
L
H
→L
H
→L
H
→L
H
→L
H
→L
H
→L
L
→H
L
→H
ROW/COL
COL
Data-Out,Data-In
Data-Out,Data-In
1,2
1,2
Hidden
Refresh
Read
Write
L
→H→L
L
→H→L
L
L
L
L
H
L
L
X
ROW/COL
ROW/COL
Data-Out
Data-In
1
2,3
RAS -Only Refresh
L
H
H
X
X
ROW
High-Z
CBR Refresh
H
→L
L
L
X
X
High-Z
4
Notes:
1. These READ cycles may also be BYTE READ cycles (either UCAS or LCAS active).
2. These WRITE cycles may also be BYTE READ cycles (either UCAS or LCAS active).
3. EARLY WRITE only.
4. At least one of the two CAS signals must be active ( UCAS or LCAS ).


Similar Part No. - GLT41016-45TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT4116-30J4 ETC1-GLT4116-30J4 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT4116-30TC ETC1-GLT4116-30TC Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT4116-35J4 ETC1-GLT4116-35J4 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT4116-35TC ETC1-GLT4116-35TC Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - GLT41016-45TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT440L16 ETC2-GLT440L16 Datasheet
404Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT4160L04 ETC1-GLT4160L04 Datasheet
579Kb / 22P
   4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
logo
Samsung semiconductor
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E660411D SAMSUNG-K4E660411D Datasheet
418Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com