Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC2400 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # LC2400
Description  2400W 120V Power Conditioner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LC2400 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  LC2400 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LC2400 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LC2400 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$25,000 Ultimate Lifetime Insurance
© 2017 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - LC2400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
More results

Similar Description - LC2400

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
   2400W 120V 3U Rack-Mount Power Conditioner
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
LS606M TRIPPLITE-LS606M Datasheet
444Kb / 3P
   600W 120V Power Conditioner
LS604WM TRIPPLITE-LS604WM Datasheet
454Kb / 3P
   600W 120V Wall-Mount Power Conditioner
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
   1200W 120V Line Conditioner
logo
Mean Well Enterprises C...
RSP-2400_1112 MEANWELL-RSP-2400_1112 Datasheet
437Kb / 6P
   2400W Single Output Power Supply
logo
Total Power Internation...
RSP-2400 TOTAL-POWER-RSP-2400 Datasheet
442Kb / 6P
   2400W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-2400 MEANWELL-RSP-2400_10 Datasheet
437Kb / 6P
   2400W Single Output Power Supply
RSP-2400-12 MEANWELL-RSP-2400-12 Datasheet
420Kb / 5P
   2400W Single Output Power Supply
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
   2000W 230V AVR Line Conditioner, Power Conditioner
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com