Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCD3470 Datasheet(PDF) 9 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRCD3470
Description  Synchronous Buck Converter in a SOT23-6 Plastic Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRCD3470 Datasheet(HTML) 9 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRCD3470 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3470 Datasheet HTML 9Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BRCD3470
Rev.D Oct.-2015
DATA SHEET
http://www.fsbrec.com
9 / 9
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260
±5℃
Time:10
±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT23-5/6
3,000
10
30,000
4
120,000
7×8
210×205×205
445×230×435
使用说明 / Notices


Similar Part No. - BRCD3470

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRCD3408 FOSHAN-BRCD3408 Datasheet
891Kb / 11P
   The BRCD3408 is a constant frequency, current mode PWM step-down converter
More results

Similar Description - BRCD3470

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
logo
Foshan Blue Rocket Elec...
BRCS3443MF FOSHAN-BRCS3443MF Datasheet
1Mb / 9P
   P-channel MOSFET in a SOT23-6 Plastic Package
DW01B FOSHAN-DW01B Datasheet
1Mb / 13P
   Battery Protection IC in a SOT23-6 Plastic Package
DW01C FOSHAN-DW01C Datasheet
1Mb / 12P
   Battery Protection IC in a SOT23-6 Plastic Package
logo
Shenzhen Huazhimei Semi...
DW01B HMSEMI-DW01B Datasheet
1Mb / 13P
   Battery Protection IC in a SOT23-6 Plastic Package.
logo
Texas Instruments
TPS50601-SP TI1-TPS50601-SP Datasheet
1Mb / 40P
[Old version datasheet]   6-A Synchronous Buck Converter
TPS62A06 TI-TPS62A06 Datasheet
1Mb / 26P
[Old version datasheet]   TPS62A06, TPS62A06A, 6-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
APRIL 2023
logo
Foshan Blue Rocket Elec...
BR8205 FOSHAN-BR8205 Datasheet
1Mb / 6P
   N-channel Double MOSFET in a SOT23-6 Plastic Package
BR8810MF FOSHAN-BR8810MF Datasheet
1Mb / 9P
   N-channel Double MOSFET in a SOT23-6 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com