Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E91207AU Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # E91207AU
Description  Surface Mount Glass Passivated Single Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

E91207AU Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  E91207AU Datasheet HTML 1Page - GOOD-ARK Electronics E91207AU Datasheet HTML 2Page - GOOD-ARK Electronics E91207AU Datasheet HTML 3Page - GOOD-ARK Electronics E91207AU Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E91207AU
Surface Mount Glass Passivated Single Phase Bridge Rectifier
Reverse Voltage 1000V Output Current 2.0A
Typical thermal resistance
juntion to ambient1)
RθJA
juntion to case1)
RθJC
juntion to ambient2)
RθJA
juntion to case2)
RθJC
Note:1), The thermal resistance from junction to ambient and case, mounted on glass epoxy FR-4 P.C.B with recommended copper pads
2), The thermal resistance from junction to ambient and case, mounted on glass epoxy FR-4 P.C.B with 13*13mm copper pads
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
29.8
8.4
℃/W
45
12.6
Thermal Characteristics (Ta=25℃ unless otherwixe noted)
Parameter
Test Conditions
Symbol
Unit
E91207AU
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive Peak
Forward Surge Current
Figure 4. Typical Reverse Characteristics
Figure 3. Typical Instantaneous Forward
Characteristics
Pulse width=0.3ms
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
25
50
75
100 125 150
Case temperature(℃)
0
10
20
30
40
50
60
70
1
10
100
Number of Cycles at 60Hz
0.01
0.1
1
10
100
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
Instantaneous Forward Voltage (V)
25℃
125℃
150℃
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
20
40
60
80
100 120
Percent of Rated Peak Reverse Voltage (%)
25℃
125℃
150℃
www.goodark.com
2/4
2017.04-Rev.A


Similar Part No. - E91207AU

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E91207A GOOD-ARK-E91207A Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results

Similar Description - E91207AU

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91307A GOOD-ARK-E91307A Datasheet
377Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF005S CHENYI-DF005S Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com