Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9216BCPZ-80 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9216BCPZ-80
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216BCPZ-80 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9216BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 9Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 10Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 11Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 12Page - Analog Devices AD9216BCPZ-80 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AD9216
Rev. A | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
To
Rating
ELECTRICAL
AVDD
AGND
−0.3 V to
+3.9 V
DRVDD
DRGND
−0.3 V to
+3.9 V
AGND
DRGND
−0.3 V to
+0.3 V
AVDD
DRVDD
−0.3 V to
+3.9 V
Digital Outputs
DRGND
−0.3 V to
DRVDD +
0.3 V
CLK_A, CLK_B, DCS, DFS, MUX_SELECT,
OEB_A, OEB_B, SHARED_REF,
PDWN_A, PDWN_B
AGND
−0.3 V to
AVDD +
0.3 V
VIN
−_A, VIN+_A, VIN−_B, VIN+_B
AGND
−0.3 V to
AVDD +
0.3 V
REFT_A, REFB_A,VREF, REFT_B, REFB_B,
SENSE
AGND
−0.3 V to
AVDD +
0.3 V
ENVIRONMENTAL1
Operating Temperature
−40°C to
+85°C
Junction Temperature
150°C
Lead Temperature (10 sec)
300°C
Storage Temperature
−65°C to
+150°C
1 Typical thermal impedances (64-lead LFCSP); θJA = 26.4°C/W. These
measurements were taken on a 4-layer board (with thermal via array) in still
air, in accordance with EIA/JESD51-7.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
Table 6.
Test Level
Description
I
100% production tested.
II
100% production tested at 25°C and sample
tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and
characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by
design and characterization testing for industrial
temperature range; 100% production tested at
temperature extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9216BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216BCPZ-80 AD-AD9216BCPZ-80 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results

Similar Description - AD9216BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com