Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3089 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3089
Description  OBSOLETE PRODUCT NO RECOMMENDED REPLACEMENT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3089 Datasheet(HTML) 3 Page - Intersil Corporation

  CA3089 Datasheet HTML 1Page - Intersil Corporation CA3089 Datasheet HTML 2Page - Intersil Corporation CA3089 Datasheet HTML 3Page - Intersil Corporation CA3089 Datasheet HTML 4Page - Intersil Corporation CA3089 Datasheet HTML 5Page - Intersil Corporation CA3089 Datasheet HTML 6Page - Intersil Corporation CA3089 Datasheet HTML 7Page - Intersil Corporation CA3089 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Test Circuits
NOTES:
4. All resistance values are in ohms.
5. L tunes with 100pF (C) at 10.7MHz.
6. Q0 (unloaded) 75 (G.I. Automatic Mfg. Div. EX22741 or equivalent)
NOTES:
7. All resistance values are in ohms.
8. T PRI. - Q0 (unloaded) 75 (tunes with 100pF (C1) 20↑ of 34e on
7/
32” dia. form).
9. SEC. - Q0 (unloaded) 75 (tunes with 100pF (C2) 20↑ of 34e on
7/
32” dia. form).
10. kQ (percent of critical coupling)
70%.
(Adjusted for coil voltage VC) = 150mV.
Above values permit proper operation of mute (squelch) circuit
“E” type slugs, spacing 4mm.
FIGURE 3. TEST CIRCUIT FOR CA3089E USING A SINGLE-
TUNED DETECTOR COIL
FIGURE 4. TEST CIRCUIT FOR CA3089E USING A DOUBLE-
TUNED DETECTOR COIL
AUDIO
OUT
SIGNAL
INPUT
VOLTAGE
14
4
15
13
5
12
0.001
µF
10
K
33K
0.001
µF
0.01
µF
6
FULL
SCALE
150
µA
2
3
0.01
µF
0.33
µF
0.5M
120K
470
TUNING METER
2.7K
0.02
µF
51
1
0.01
µF
11
0.05
µF
8
7
9
10
3.9K
100
C
L
5K
22
µH
AFC OUTPUT
V+ = 12V
pF
CA3089E
(NOTE 5)
AUDIO
OUT
SIGNAL
INPUT
VOLTAGE
14
4
15
13
5
12
0.001
µF
10
K
33K
0.001
µF
0.01
µF
6
FULL
SCALE
150
µA
2
3
0.01
µF
0.33
µF
0.5M
120K
470
TUNING METER
2.7K
0.02
µF
51
1
0.01
µF
11
0.05
µF
8
7
9
10
8.2K
100
C2
T (NOTE 8)
5K
22
µH
AFC OUTPUT
V+ = 12V
pF
CA3089E
C1
100
pF
3K
Test Applications
FIGURE 5. TYPICAL FM TUNER USING THE CA3089E WITH A SINGLE TUNED DETECTOR COIL
AUDIO
OUT
0.01
µF
6
3.9K
2.7K
CA3089E
2
14
4
9
8
11
10
22
µH
250pF
220pF
1
3
300
INPUT
IF OUT
FM
TUNER
100
CERAMIC
FILTER
0.01
µF
0.05
µF
330
V+ = 12V
C
100pF
L (NOTE 14)
CA3089E
Performance Data at fO = 98MHz, fMOD = 400Hz, Deviation = ±75kHz:
-3dB Limiting Sensitivity . . . . . . . . . . . . . . . . . . 2
µV (Antenna Level)
20dB Quieting Sensitivity . . . . . . . . . . . . . . . . . 1
µV (Antenna Level)
30dB Quieting Sensitivity . . . . . . . . . . . . . . . .1.5
µV (Antenna Level)
NOTES:
11. All resistance values are in ohms.
12. Waller 4SN3FIC or equivalent.
13. Murata SFG 10.7mA or equivalent.
14. L tunes with 100pF (C) at 10.7MHz Q0 unloaded 75
(G.I. EX22741 or equivalent).
(NOTE 13)
(NOTE 12)
CA3089


Similar Part No. - CA3089

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3089 INTERSIL-CA3089 Datasheet
459Kb / 8P
   FM IF System
logo
List of Unclassifed Man...
CA3089 ETC2-CA3089 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3089E INTERSIL-CA3089E Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3089E INTERSIL-CA3089E Datasheet
459Kb / 8P
   FM IF System
More results

Similar Description - CA3089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX3090 ETC-FX3090 Datasheet
235Kb / 8P
   Obsolete Product For Information Only.
logo
Murata Manufacturing Co...
GRM31CR60J157ME11L MURATA-GRM31CR60J157ME11L Datasheet
109Kb / 2P
   Volt. & temp. derating recommended product
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Murata Manufacturing Co...
GRM31CC80G157ME11L MURATA-GRM31CC80G157ME11L Datasheet
109Kb / 2P
   Volt. & temp. derating recommended product
logo
Kemet Corporation
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
Applied Motion Products...
1240I AMP-1240I Datasheet
108Kb / 2P
   Recommended Motors
logo
Major League Electronic...
LSSHS-5-04 MAJOR-LEAGUE-LSSHS-5-04 Datasheet
124Kb / 1P
   Recommended P.C.B.Layout
logo
HOKURIKU ELECTRIC INDUS...
E011420 HOKURIKU-E011420 Datasheet
116Kb / 1P
   Recommended Pad Dimension
logo
Murata Manufacturing Co...
DE1B3KX151KA5B MURATA1-DE1B3KX151KA5B Datasheet
175Kb / 2P
   Safety Capacitors RECOMMENDED
09/22/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com