Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9236 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9236
Description  12-Bit, 80 MSPS, 3 V A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9236_17 Datasheet HTML 6Page - Analog Devices AD9236_17 Datasheet HTML 7Page - Analog Devices AD9236_17 Datasheet HTML 8Page - Analog Devices AD9236_17 Datasheet HTML 9Page - Analog Devices AD9236_17 Datasheet HTML 10Page - Analog Devices AD9236_17 Datasheet HTML 11Page - Analog Devices AD9236_17 Datasheet HTML 12Page - Analog Devices AD9236_17 Datasheet HTML 13Page - Analog Devices AD9236_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
AD9236
Rev. C | Page 9 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
03066-0-021
AD9236
TOP VIEW
(Not to Scale)
OTR
1
D11 (MSB)
28
MODE
2
D10
27
SENSE
3
D9
26
VREF
4
D8
25
REFB
5
DRVDD
24
REFT
6
DGND
23
AVDD
7
D7
22
AGND
8
D6
21
VIN+
9
D5
20
VIN– 10
D4
19
AGND 11
D3
18
AVDD 12
D2
17
CLK 13
D1
16
PDWN 14
D0 (LSB)
15
Figure 3. 28-Lead TSSOP
03066-0-022
NOTES
1. DNC = DO NOT CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED PADDLE BE
SOLDERED TO THE GROUND PLANE FOR THE LFCSP. THERE
IS AN INCREASED RELIABILITY OF THE SOLDER JOINTS, AND
THE MAXIMUM THERMAL CAPABILITY OF THE PACKAGE IS
ACHIEVED WITH THE EXPOSED PADDLE SOLDERED TO THE
CUSTOMER BOARD.
DNC
CLK
DNC
PDWN
DNC
DNC
(LSB) D0
D1
VREF
SENSE
MODE
OTR
D11 (MSB)
D10
D9
D8
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD9236
TOP VIEW
(Not to Scale)
Figure 4. 32-Lead LFCSP
Table 8. Pin Function Descriptions—28-Lead TSSOP
Pin No.
Mnemonic
Description
1
OTR
Out-of-Range Indicator
2
MODE
Data Format Select and DCS
Mode Selection
3
SENSE
Reference Mode Selection
4
VREF
Voltage Reference Input/Output
5
REFB
Differential Reference (–)
6
REFT
Differential Reference (+)
7, 12
AVDD
Analog Power Supply
8, 11
AGND
Analog Ground
9
VIN+
Analog Input Pin (+)
10
VIN–
Analog Input Pin (–)
13
CLK
Clock Input Pin
14
PDWN
Power-Down Function Select
15 to 22,
25 to 28
D0 (LSB) to
D11 (MSB)
Data Output Bits
23
DGND
Digital Output Ground
24
DRVDD
Digital Output Driver Supply
Table 9. Pin Function Descriptions—32-Lead LFCSP
Pin No.
Mnemonic
Description
1, 3, 5, 6
DNC
Do Not Connect
2
CLK
Clock Input Pin
4
PDWN
Power-Down Function Select
7 to 14,
17 to 20
D0 (LSB) to
D11 (MSB)
Data Output Bits
15
DGND
Digital Output Ground
16
DRVDD
Digital Output Driver Supply
21
OTR
Out-of-Range Indicator
22
MODE
Data Format Select and DCS Mode
Selection
23
SENSE
Reference Mode Selection
24
VREF
Voltage Reference Input/Output
25
REFB
Differential Reference (–)
26
REFT
Differential Reference (+)
27, 32
AVDD
Analog Power Supply
28, 31
AGND
Analog Ground
29
VIN+
Analog Input Pin (+)
30
VIN–
Analog Input Pin (–)
EP
Exposed Pad. It is recommended
that the exposed paddle be soldered
to the ground plane for the LFCSP.
There is an increased reliability of the
solder joints, and the maximum
thermal capability of the package is
achieved with the exposed paddle
soldered to the customer board.


Similar Part No. - AD9236_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
More results

Similar Description - AD9236_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com