Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9216-105PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9216-105PCB
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216-105PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9216-105PCB Datasheet HTML 1Page - Analog Devices AD9216-105PCB Datasheet HTML 2Page - Analog Devices AD9216-105PCB Datasheet HTML 3Page - Analog Devices AD9216-105PCB Datasheet HTML 4Page - Analog Devices AD9216-105PCB Datasheet HTML 5Page - Analog Devices AD9216-105PCB Datasheet HTML 6Page - Analog Devices AD9216-105PCB Datasheet HTML 7Page - Analog Devices AD9216-105PCB Datasheet HTML 8Page - Analog Devices AD9216-105PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AD9216
Rev. A | Page 4 of 40
AD9216BCPZ-65
AD9216BCPZ-80
AD9216BCPZ-105
AC SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 2.
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 2.4 MHz
25°C
V
58.6
58.5
58.0
dB
fINPUT = Nyquist1
Full
IV
56.6
58.4
55.9
58.1
54.8
57.6
dB
25°C
I
57.2
58.4
56.4
58.5
56.4
57.6
dB
fINPUT = 69 MHz
25°C
V
58.0
58.0
57.4
dB
fINPUT = 100 MHz
25°C
V
57.5
57.5
57.3
dB
SIGNAL-TO-NOISE AND DISTORTION
RATIO (SINAD)
fINPUT = 2.4 MHz
25°C
V
58.5
58.2
57.8
dB
fINPUT = Nyquist1
Full
IV
56.4
58.3
55.4
58.0
53.4
57.4
dB
25°C
I
57.0
58.3
56.2
58.0
56.1
57.4
dB
fINPUT = 69 MHz
25°C
V
57.5
57.5
56.8
dB
fINPUT = 100 MHz
25°C
V
57.0
57.0
56.7
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fINPUT = 2.4 MHz
25°C
V
9.4
9.4
9.3
Bits
fINPUT = Nyquist1
Full
IV
9.1
9.4
8.9
9.3
8.6
9.3
Bits
25°C
I
9.2
9.4
9.0
9.3
9.1
9.3
Bits
fINPUT = 69 MHz
25°C
V
9.3
9.3
9.2
Bits
fINPUT = 100 MHz
25°C
V
9.3
9.3
9.2
Bits
WORST HARMONIC (SECOND OR
THIRD)
fINPUT = 2.4 MHz
Full
IV
−82.0
−81.0
−76.0
dBc
fINPUT = Nyquist1
Full
IV
−79.5
-65.1
−77.0
-64.1
−74.0
−60.0
dBc
25°C
I
−79.5
-67.8
−77.0
-67.2
−74.0
−66.5
dBc
fINPUT = 69 MHz
25°C
V
−79.0
−76.5
−74.0
dBc
fINPUT = 100 MHz
25°C
V
−78.5
−76.0
−74.0
dBc
WORST OTHER (EXCLUDING
SECOND OR THIRD)
fINPUT = 2.4 MHz
Full
IV
−82.5
−81.5
−76.5
dBc
fINPUT = Nyquist1
Full
IV
−80.5
-65.8
−78.0
-64.5
−75.0
−62.0
dBc
25°C
I
−80.5
-68.7
−78.0
-67.8
−75.0
−67.5
dBc
fINPUT = 69 MHz
25°C
V
−80.0
−77.5
−75.0
dBc
fINPUT = 100 MHz
25°C
V
−79.5
−77.0
−75.0
dBc
SPURIOUS-FREE DYNAMIC RANGE
(SFDR)
fINPUT = 2.4 MHz
Full
IV
82.0
81.0
76.0
dBc
fINPUT = Nyquist1
Full
IV
65.1
79.5
64.1
77.0
60.0
74.0
dBc
25°C
I
67.8
79.5
67.2
77.0
66.5
74.0
dBc
fINPUT = 69 MHz
25°C
V
79.0
76.5
74.0
dBc
fINPUT = 100 MHz
25°C
V
78.5
76.0
74.0
dBc
TWO-TONE SFDR (AIN = −7 dBFS)
fIN1 = 69.1 MHz, fIN2 = 70.1 MHz
25°C
V
71.0
70.0
70.0
dBc
fIN1 = 100.1 MHz, fIN2 = 101.1 MHz
25°C
V
70.0
69.0
69.0
dBc
ANALOG BANDWIDTH
25°C
V
300
300
300
MHz
CROSSTALK
25°C
V
−80.0
−80.0
−80.0
dB
1 Nyquist = approximately 32 MHz, 40MHz, 50MHz for the −65, −80, and −105 grades respectively


Similar Part No. - AD9216-105PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216-105PCB AD-AD9216-105PCB Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216-105PCB AD-AD9216-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9216-105PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com