Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9236BCPZ-80 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9236BCPZ-80
Description  12-Bit, 80 MSPS, 3 V A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236BCPZ-80 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9236BCPZ-80 Datasheet HTML 2Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 3Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 4Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 9Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Data Sheet
AD9236
Rev. C | Page 5 of 36
DIGITAL SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, 1.0 V external reference, unless otherwise noted.
Table 3.
Parameter
Temp
Test Level
AD9236BRU/AD9236BCP
Unit
Min
Typ
Max
LOGIC INPUTS (CLK, PDWN)
High Level Input Voltage
Full
IV
2.0
V
Low Level Input Voltage
Full
IV
0.8
V
High Level Input Current
Full
IV
–10
+10
µA
Low Level Input Current
Full
IV
–10
+10
µA
Input Capacitance
Full
V
2
pF
DIGITAL OUTPUTS (D0–D11, OTR)1
DRVDD = 3.3 V
High Level Output Voltage (IOH = 50 µA)
Full
IV
3.29
V
High Level Output Voltage (IOH = 0.5 mA)
Full
IV
3.25
V
Low Level Output Voltage (IOH = 1.6 mA)
Full
IV
0.2
V
Low Level Output Voltage (IOH = 50 µA)
Full
IV
0.05
V
DRVDD = 2.5 V
High Level Output Voltage (IOH = 50 µA)
Full
IV
2.49
V
High Level Output Voltage (IOH = 0.5 mA)
Full
IV
2.45
V
Low Level Output Voltage (IOH = 1.6 mA)
Full
IV
0.2
V
Low Level Output Voltage (IOH = 50 µA)
Full
IV
0.05
V
1
Output voltage levels measured with 5 pF load on each output.


Similar Part No. - AD9236BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236BCPZ-80 AD-AD9236BCPZ-80 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
More results

Similar Description - AD9236BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com