Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9223NNQ1R Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC9223NNQ1R
Description  Multi-Channel TFT LCD Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9223NNQ1R Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC9223NNQ1R Datasheet HTML 4Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 5Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 6Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 7Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 8Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 9Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 10Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 11Page - E-CMOS Corporation EC9223NNQ1R Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EC9223
Multi-Channel TFT LCD Supply
E-CMOS Corp. (www.ecmos.com.tw)
5E26N-Rev. F001
8/13
Low-Voltage Detector
VRST_TH
Falling edge at VIN
2.6
V
Reset Threshold
VRST_HYST
100
mV
RSTnn Output Voltage
VRST
ISINK = 1mA
0.4
V
Reset Blanking Time
TBLK
120
ms
Application Information
The EC9223 offers an all-in-one solution for TFT LCD. The chip includes a high-efficiency boost converter with a
20V/1.8A on-chip N-channel transistor for biasing of the LCD, a regulated positive charge pump, a regulated
negative charge pump, and a unity-gain VCOM buffer. A voltage detector circuit generates a reset signal when
the input voltage falls below 2.6V.
TFT LCD Boost Converter (AVDD)
The LCD panel AVDD supply is generated from a high-efficiency PWM boost converter operating with current
mode control, and the switching frequency is 1.2MHz. During the on-period, TON, the synchronous FET
connects one end of the inductor to ground, therefore increasing the inductor current. After the FET turns off, the
inductor switching node, LX, is charged to a positive voltage by the inductor current. The freewheeling diode
turns on and the inductor current flows to the output capacitor. The converter operates in the continuous
conduction mode (CCM) when the average input current IIN is at least one-half of the inductor peak- to-peak
ripple current, ∆ILPP.
The output voltage, AVDD, is determined by the duty cycle, D, of the power FET on-time and the input voltage,
VIN.
The average load current, ILOAD, can be calculated from the power conservation law.
η ×VIN × I IN = AVDD × I LOAD
where η is the power conversion efficiency. For a lower load current, the inductor current would decay to zero during the free-
wheeling period and the output node would be disconnected from the inductor for the remaining portion of the switching
period. The converter would operate in the discontinuous conduction mode (DCM). Current mode control is well known for its
robustness and fast transient response. An inner current feedback loop sets the on-time and the duty cycle such that the
current through the inductor equals to the current computed by the compensator. This loop acts within one switching cycle. A
slope compensation ramp is added to suppress sub-harmonic oscillations. An outer voltage feedback loop subtracts the
voltage on the FB pin from the internal reference voltage and feeds the difference to the compensator operational
transconductance (Gm) amplifier. This amplifier is compensated by an external R-C network to allow the user to optimize the
transient response and loop stability for the specific application conditions.


Similar Part No. - EC9223NNQ1R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC92 PHILIPS-EC92 Datasheet
47Kb / 3P
   R.F. TRIODE
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9208NNB3R E-CMOS-EC9208NNB3R Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
More results

Similar Description - EC9223NNQ1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9232 E-CMOS-EC9232 Datasheet
314Kb / 14P
   Multi-Channel TFT LCD Supply
logo
Intersil Corporation
ISL97522 INTERSIL-ISL97522 Datasheet
415Kb / 20P
   4-Channel TFT-LCD Supply
logo
Renesas Technology Corp
ISL97522 RENESAS-ISL97522 Datasheet
900Kb / 20P
   4-Channel TFT-LCD Supply
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com