Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1047437 Datasheet(PDF) 3 Page - SICK AG

Part # 1047437
Description  PRODUCT PORTFOLIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1047437 Datasheet(HTML) 3 Page - SICK AG

  1047437 Datasheet HTML 1Page - SICK AG 1047437 Datasheet HTML 2Page - SICK AG 1047437 Datasheet HTML 3Page - SICK AG 1047437 Datasheet HTML 4Page - SICK AG 1047437 Datasheet HTML 5Page - SICK AG 1047437 Datasheet HTML 6Page - SICK AG 1047437 Datasheet HTML 7Page - SICK AG 1047437 Datasheet HTML 8Page - SICK AG 1047437 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
WL11G-2B2531P04 | W11G-2
PRODUCT PORTFOLIO
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 5 Vpp 2)
Power consumption
≤ 30 mA 3)
Output type
PNP 4)
NPN 5)
Switching mode
Light/dark switching 4) 5)
Switching mode selector
Selectable via L/D control cable
Signal voltage PNP HIGH/LOW
Uv - 3 V / approx. 0 V
Signal voltage NPN HIGH/LOW
Approx. Uv / < 3 V
Output current Imax.
100 mA
Response time
≤ 330 µs 6)
Switching frequency
1,500 Hz 7)
Attenuation along light beam
> 8 %
Connection type
Male connector M12, 5-pin
Circuit protection
8)
9)
10)
Protection class
II
Weight
120 g
Polarisation filter
Special device
Housing material
Plastic, ABS
Optics material
Plastic, PMMA
Enclosure rating
IP66
IP67
IP69K
Items supplied
Reflector P250F
Special feature
Detecting transparent objects
Ambient operating temperature
–30 °C ... +60 °C
Ambient storage temperature
–40 °C ... +75 °C
UL File No.
NRKH.E181493 & NRKH7.E181493
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) 0 V or not connected, light switching.
5) Uv, dark switching.
6) Signal transit time with resistive load.
7) With light/dark ratio 1:1.
8) A = VS connections reverse-polarity protected.
9) C = interference suppression.
10) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270902
2017-11-08 18:00:44 | Online data sheet
Subject to change without notice
| SICK
3


Similar Part No. - 1047437

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047437 PHOENIX-1047437 Datasheet
437Kb / 19P
   Distribution block - PTFIX 4/18X1,5-G WH
Jul 21, 2022
More results

Similar Description - 1047437

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
   PRODUCT PORTFOLIO
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
   Product Portfolio Information
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
logo
ATMEL Corporation
AT90USBKEY ATMEL-AT90USBKEY Datasheet
548Kb / 8P
   Atmel Crypto Products Portfolio
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
LXZ1-PD01-0056 ETC2-LXZ1-PD01-0056 Datasheet
1Mb / 28P
   Color and White LED Portfolio
logo
NXP Semiconductors
75017356 NXP-75017356 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com