Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T525B336M010ATE080 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T525B336M010ATE080
Description  Tantalum, Polymer Tantalum, T525, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T525B336M010ATE080 Datasheet(HTML) 1 Page - Kemet Corporation

  T525B336M010ATE080 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - f8daf5f1-d300-40dd-a811-5c47ba7e65c6
KEMET Part Number: T525B336M010ATE080
Tantalum, Polymer Tantalum, T525, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms,
Height Max = 2.1mm
Dimensions
Footprint
3528
L
3.5mm +/-0.2mm
W
2.8mm +/-0.2mm
H
1.9mm +/-0.2mm
T
0.13mm REF
S
0.8mm +/-0.3mm
F
2.2mm +/-0.1mm
A
1.9mm MIN
B
0.4mm +/-0.15mm
P
0.5mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 94.85 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T525
Description: SMD, Polymer, Molded, Low
ESR, Non-Combustible
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 33 uF
Capacitance Tolerance: 20%
Voltage DC: 10 VDC (105C), 6.7 VDC (125C)
Temperature Range: -55/+125C
Dissipation Factor: 8% 120Hz 25C
Failure Rate: N/A
Resistance: 80 mOhms (100kHz 25C)
Current:
1300 mAmps (100kHz 45C),
910 mAmps (85C), 325 mAmps
(125C)
Leakage Current: 33 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T525B336M010ATE080

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525B336M010AE080 KEMET-T525B336M010AE080 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525B336M010AH4095 KEMET-T525B336M010AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
More results

Similar Description - T525B336M010ATE080

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525B336M006ATE080 KEMET-T525B336M006ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 33 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
T525B226M010ATE080 KEMET-T525B226M010ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 22 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
T525B107M003ATE080 KEMET-T525B107M003ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 100 uF, 20%, 3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
T525B107M004ATE080 KEMET-T525B107M004ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 100 uF, 20%, 4 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
T525B686M006ATE080 KEMET-T525B686M006ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 68 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
T525B476M006ATE080 KEMET-T525B476M006ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms,2.1mm
T525B157M003ATE080 KEMET-T525B157M003ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 150 uF, 20%, 3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
T525B686M004ATE080 KEMET-T525B686M004ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 68 uF, 20%, 4 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
T525B336M016ATE090 KEMET-T525B336M016ATE090 Datasheet
74Kb / 1P
   T525, Tantalum, Polymer Tantalum, 33 uF, 20%, 16 VDC, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, 3528, Height Max = 2.1mm
T525B336M016ATE070 KEMET-T525B336M016ATE070 Datasheet
74Kb / 1P
   T525, Tantalum, Polymer Tantalum, 33 uF, 20%, 16 VDC, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, 3528, Height Max = 2.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com