Electronic Components Datasheet Search |
|
KB16SKG01-12-EB Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
KB16SKG01-12-EB Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 14 page Series KB Miniature Pushbuttons D26 D www.nkkswitches.com MOUNTING TYPES & SHAPES Plunger Position ( ) = Momentary Connected Terminals Throw & Switch/Lamp Schematics Pole Model Normal Down Normal Down Notes: Switch is marked with “+” and “–”. Lamp circuit is isolated and requires external power source. SP KB15 *KB16 ON ON (ON) ON 2-3 2-1 SPDT DP KB25 *KB26 ON ON (ON) ON 2-3 5-6 2-1 5-4 DPDT Bushing Mounting S .551” (14.0mm) Square Bezel or barrier is an integral part of the switch body. One mounting nut AT057 supplied with each switch. Snap-in Mounting R * When in latchdown position for the alternate circuit, cap position is .055” (1.4mm) above the built-in bezel. POLES & CIRCUITS 4 6 1 3 25 (COM) L (+) (-) L L (+) (-) L 2 (COM) 1 3 C Bezel or barrier is an integral part of the switch body. .551” (14.0mm) Round .551” x .728” (14.0mm x 18.5mm) Rectangular K .551” (14.0mm) Square N M .551” (14.0mm) Round .551” x .728” (14.0mm x 18.5mm) Rectangular HOUSING K Housing available in black only. Bezel or barrier is an integral part of the switch body. Panel Cutouts Bushing Mounting Snap-in Mounting Panel thicknesses, when using optional accessories, are shown with the accessories at the end of this KB section. Without Keyway With Keyway Panel Thickness: .020” ~ .315” (0.5 ~ 8.0mm) Panel Thickness: .039” ~ .138” (1.0 ~ 3.5mm) (12.3) Dia .484 (12.3) Dia .484 (1.2) R .047 (6.8) .268 No barrier With barrier No barrier With barrier No barrier With barrier No barrier With barrier (12.3) Dia .484 (4.9) .193 |
Similar Part No. - KB16SKG01-12-EB |
|
Similar Description - KB16SKG01-12-EB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |