Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB15CRKG01-12-EB Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB15CRKG01-12-EB
Description  General Specifications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB15CRKG01-12-EB Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB15CRKG01-12-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01-12-EB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Series KB
Miniature Pushbuttons
D28
D
www.nkkswitches.com
LAMP COLORS & SPECIFICATIONS
Color
White
Green
Blue
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
3.3V
3.3V
3.3V
Maximum Reverse Voltage
V
RM
7V
7V
7V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C 0.40mA/°C 0.40mA/°C
Ambient Temperature Range
–25° ~ +50°C
6F
6G
6B
AT625G Blue
AT631B White
AT632F Green
T-1 Bi-pin
Super Bright Single Element LED
(+)
(-)
CAP TYPES & COLOR COMBINATIONS
BB
Solid Cap for Incandescent Lamp & Nonilluminated
Lens/Filter Colors Available:
CB
CC
EB
AT485
Square
JF and JG not suitable
with neon lamp.
FB
FF
GB
GG
Color Codes:
A Black
B White
C Red
E Yellow
F Green
G Blue
J Clear
Material: Polycarbonate
Finish: Glossy
AT486
Round
AT4021
Rectangular
Material: Polycarbonate
Finish: Glossy
(11.6) Sq
.457
(6.2)
.244
(4.5)
.177
(11.6) Dia
.457
(6.2)
.244
(4.5)
.177
(11.6) Sq
.457
(6.2)
.244
(4.5)
.177
(11.6) Dia
.457
(6.2)
.244
(4.5)
.177
AT487
Square
AT488
Round
AT4022
Rectangular
Insert Cap for Incandescent or Neon Lamp & Nonilluminated
JB
JC
JE
JF
JG
Lens/Filter Colors Available:
(6.3)
.248
(4.5)
.177
(16.1)
.634
(11.6)
.457
(11.6)
.457
(6.3)
.248
(4.5)
.177
(16.1)
.634
Translucent Colored Lens
Translucent Colored Filter
Lamp AT611
Transparent Clear Lens
Translucent Colored Filter
Lamp AT611 Lamp AT615
Color Codes
Red
Amber
Green
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.9V
2.0V
2.1V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.42mA/°C
Ambient Temperature Range
–25° ~ +50°C
5C
5D
5F
No Code
Red
Amber
Green
No Resistor
(+)
(-)
T-112 Bi-pin
AT635
LEDs are colored
in OFF state.
Bright LED without Resistor
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
A
Nonilluminated Only;
Square & Round Only


Similar Part No. - KB15CRKG01-12-EB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15CKG01 NKK-KB15CKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15CKG01B NKK-KB15CKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15CKG01B05A NKK-KB15CKG01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB15CKG01B05BB NKK-KB15CKG01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB15CKG01B12A NKK-KB15CKG01B12A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB15CRKG01-12-EB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com