Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V81L15PA Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V81L15PA
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V81L15PA Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V81L15PA Datasheet HTML 3Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 4Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 5Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 6Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 7Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 8Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 9Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 10Page - Integrated Device Technology IDT72V81L15PA Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The Async FIFO is a trademark and the IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
408-330-1753
Santa Clara, CA 95054
fax: 408-492-8674
email:FIFOhelp@idt.com
www.idt.com*
PFPkg: www.idt.com/docs/PSC4039.pdf
IDT
XXXX
Device Type
XXX
Speed
X
Power
X
Package
X
Process/
Temperature
Range
Blank
72V81
72V82
72V83
72V84
72V85
15
20
L
PA
Commercial (0
°C to +70°C)
512 x 9
 3.3V Dual FIFO
1,024 x 9
 3.3V Dual FIFO
2,048 x 9
 3.3V Dual FIFO
4,096 x 9
 3.3V Dual FIFO
8,192 x 9
 3.3V Dual FIFO
Low Power
Thin Shrink SOIC (TSSOP, S056-2)
Access Time (t A) Speed
in Nanoseconds
3966 drw 21
Commercial
Figure 18. Write Data Flow-Through Mode
ORDERING INFORMATION
NOTE:
1. Industrial temperature range is available by special order.
R
DATA
W
IN
FF
DATA OUT
tDS
tDH
tA
tWFF
tRFF
tWPF
DATA IN VALID
DATA OUT VALID
3966 drw 20


Similar Part No. - IDT72V81L15PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81L15PAG IDT-IDT72V81L15PAG Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81L15PAGI IDT-IDT72V81L15PAGI Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V81L15PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com