Electronic Components Datasheet Search |
|
IDT70V3399S166PRFI Datasheet(PDF) 9 Page - Integrated Device Technology |
|
IDT70V3399S166PRFI Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 23 page 6.42 IDT70V3319/99S High-Speed 3.3V 256/128K x 18 Dual-Port Synchronous Static RAM Industrial and Commercial Temperature Ranges 9 DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(3) (VDD = 3.3V ± 150mV) NOTES: 1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels of GND to 3V. 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ). 5. CEX = VIL means CE0X = VIL and CE1X = VIH CEX = VIH means CE0X = VIH or CE1X = VIL CEX < 0.2V means CE0X < 0.2V and CE1X > VCC - 0.2V CEX > VCC - 0.2V means CE0X > VCC - 0.2V or CE1X - 0.2V "X" represents "L" for left port or "R" for right port. 70V3319/99S166 Com'l Only 70V3319/99S133 Com'l & Ind Symbol Parameter Test Condition Version Typ.(4) Max. Typ.(4) Max. Unit IDD Dynamic Operating Current (Both Ports Active) CEL and CER= VIL, Outputs Disabled, f = fMAX(1) COM'L S 370 500 320 400 mA IND S ____ ____ 320 480 ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL = CER = VIH, Outputs Disabled, f = fMAX(1) COM'L S 125 200 115 160 mA IND S ____ ____ 115 195 ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX(1) COM'L S 250 350 220 290 mA IND S ____ ____ 220 350 ISB3 Full Standby Current (Both Ports - CMOS Level Inputs) Both Ports Outputs Disabled CEL and CER > VDD - 0.2V, VIN > VDD - 0.2V or VIN < 0.2V, f = 0(2) COM'L S 15 30 15 30 mA IND S ____ ____ 15 40 ISB4 Full Standby Current (One Port - CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VDD - 0.2V(5) VIN > VDD - 0.2V or VIN < 0.2V Active Port, Outp uts Disabled , f = fMAX(1) COM'L S 250 350 220 290 mA IND S ____ ____ 220 350 5623 tbl 09 |
Similar Part No. - IDT70V3399S166PRFI |
|
Similar Description - IDT70V3399S166PRFI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |