Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM8150 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM8150
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM8150 Datasheet(HTML) 3 Page - International Rectifier

  IRHM8150 Datasheet HTML 1Page - International Rectifier IRHM8150 Datasheet HTML 2Page - International Rectifier IRHM8150 Datasheet HTML 3Page - International Rectifier IRHM8150 Datasheet HTML 4Page - International Rectifier IRHM8150 Datasheet HTML 5Page - International Rectifier IRHM8150 Datasheet HTML 6Page - International Rectifier IRHM8150 Datasheet HTML 7Page - International Rectifier IRHM8150 Datasheet HTML 8Page - International Rectifier IRHM8150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
IRHM7150
IRHM7150
IRHM7150
IRHM7150
IRHM7150
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
Parameter
Parameter
Parameter
Parameter
100KRads(Si)
300 to 1000K Rads (Si)
U
UU
UUnits
nits
nits
nits
nits
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
—
100
—
V
VGS = 0V, ID = 1.0mA
V/5JD
Gate Threshold Voltage# ➃
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
—
100
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
-100
—
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
—
25
—
50
µA
VDS=80V, VGS =0V
RDS(on)
Static Drain-to-Source# ➃
—
0.065
—
0.09
VGS = 12V, ID =21A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source# ➃
—
0.065
—
0.09
VGS = 12V, ID =21A
On-State Resistance (TO-254AA)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
1. Part number IRHM7150 (JANSR2N7268)
2. Part numbers IRHM3150 (JANSF2N7268), IRHM4150 (JANSG2N7268) and IRHM8150 (JANSH2N7268)
Fig a.
Fig a.
Fig a.
Fig a.
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage# ➃
—
1.4
—
1.4
V
VGS = 0V, IS = 34A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Ion
LET
Ion
LET
Ion
LET
Ion
LET
Energy Range
Energy Range
Energy Range
Energy Range
Energy Range
VDS(V)
VDS(V)
VDS(V)
VDS(V)
VDS(V)
MeV/(mg/cm )) (MeV)
(µm) @VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
Cu
28
285
43
100
100
100
80
60
—
Br
36.8
305
39
100
90
70
50
—
—
0
20
40
60
80
100
120
0
-5
-10
-15
-20
-25
VGS
Cu
Br


Similar Part No. - IRHM8150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM8130 IRF-IRHM8130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM8160 IRF-IRHM8160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results

Similar Description - IRHM8150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com