Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1703020156 Datasheet(PDF) 2 Page - AAEON Technology

Part # 1703020156
Description  Intel Atom N2600 Dual Core 1.6 GHz Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1703020156 Datasheet(HTML) 2 Page - AAEON Technology

  1703020156 Datasheet HTML 1Page - AAEON Technology 1703020156 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Dimension
Unit: mm
04-8
www.aaeon.com
Note: All specifications are subject to change without notice.
PFM-CVS Rev. B
Part Number
CPU
RAM
Fan/
Fanless
Storage
Display
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
PFM-CVS-B10
Intel® Atom™ N2600
SODIMM
Fanless
SATA x 1,
mSATA x 1 (Full size)
CRT +
LVDS
18b, 1CH
GbE x 1
4
3
1
PC/104+
+12V, AT/ATX
0°C ~ 60°C
PFM-CVSW2-B10
Intel® Atom™ N2600
SODIMM
Fanless
SATA x 1
mSATA x 1 (Full Size)
CRT +
LVDS
18b, 1CH
GbE x 1
4
3
1
PC/104+
+12V, AT/ATX
WiTAS 2 (-40°C ~ 85°C)
Ordering Information
Intel®
PCH/NM10
Intel® Processor
ATOM
N2600
DDR3 SO-DIMM
Channel A
18bit LVDS
VGA
RGB
LVDS
Fintek
Super I/O
F81866D
BIOS
SATA ll
USB 2.0 * 4
PC/104
PCI to ISA Bridge
Intel®
GbE Ethernet
WG82583V
RJ-45
Mini Card/ mSATA
SPI
USB
SATA
PCIe
PCIe/ SATA/ USB
PCI-104
PCI
PCI
ISA
KB/MS
RS232*3
RS232/422/485*1
HW
Monitor
DIO
8bit
Audio
Connector
Realtek
Audio Codec
ALC892
HD Audio


Similar Part No. - 1703020156

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1703020156 AAEON-1703020156 Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1703020156 AAEON-1703020156 Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1703020156 AAEON-1703020156 Datasheet
259Kb / 2P
   204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
More results

Similar Description - 1703020156

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_17 Datasheet
380Kb / 1P
   Intel Atom Cedarview processor N2600 1.6 GHz dual core
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_17 Datasheet
364Kb / 1P
   Fanless Embedded System with Intel Atom Processor N2600 1.6 GHz or D2550
EBOX622-830-FL AXIOMTEK-EBOX622-830-FL_17 Datasheet
281Kb / 1P
   Fanless Embedded System with Intel® Atom™ Processor N2600 1.6 GHz or D2550 1.86 GHz, HDMI, VGA, 2 GbE LAN, 6 USB, 6 COM ports
logo
ADL Embedded Solutions
ADLN2000PC ADL-ADLN2000PC Datasheet
215Kb / 2P
   Intel Atom N2600, 1.60 GHz, 3.5 Watts
logo
AAEON Technology
PFM-CVS AAEON-PFM-CVS Datasheet
252Kb / 2P
   PC/104 Module with Intel Atom N2600 Processor
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
   Intel짰 Atom??N2600 Processor
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
   Intel짰 Atom??Processor N2600
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
   EPIC Board With Onboard Intel Atom D2550/N2600 Processor
logo
Advantech Co., Ltd.
SOM-7565A2 ADVANTECH-SOM-7565A2 Datasheet
804Kb / 2P
   Intel Atom Processor N2600/N2800 COM Express Mini Module
logo
AAEON Technology
XTX-CV AAEON-XTX-CV Datasheet
280Kb / 2P
   XTX CPU Module with Onboard Intel Atom D2550/N2600 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com