Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3CE15ST Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3CE15ST
Description  SchottkyBarrierDiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3CE15ST Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  D3CE15ST Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Notes
1. If you wish to use any such product, please be sure to refer to the specifications issued by Shindengen.
2. All products described or contained herein are designed with a quality level intended for use in standard
applications requiring an ordinary level of reliability. If these products are to be used in equipment or devices
for special or specific applications requiring an extremely high grade of quality or reliability in which failures or
malfunctions of products may directly affect human life or health, a local Shindengen office must be contacted
in advance to confirm that the intended use of the product is appropriate. Shindengen products are grouped
into the following three applications according the quality grade.
【Standard applications】
Computers, office automation and other office equipment, communication terminals, test and
measurement equipment, audio/visual equipment, amusement equipment, consumer electronics,
machine tools, personal electronic equipment, industrial equipment, etc.
【Special applications】
Transportation equipment (vehicles, ships, etc.), trunk-line communication equipment, traffic signal
control systems, anti-disaster/crime systems, safety equipment, medical equipment, etc.
【Specific applications】
Nuclear reactor control systems, aircraft, aerospace equipment, submarine repeaters, life support
equipment and systems, etc.
3. Although Shindengen continuously endeavors to enhance the quality and reliability of its products, customers
are advised to consider and take safety measures in their design, such as redundancy, fire containment and
anti-failure, so that personal injury, fires, or societal damages can be prevented.
4. Please note that all information described or contained herein is subject to change without notice due to
product upgrades and other reasons. When buying Shindengen products, please contact the Company s
offices or distributors to obtain the latest information.
5. Shindengen shall not bear any responsibility with regards to damages or infringement of any third-party patent
rights and other intellectual property rights incurred due to the use of information on this website.
6. The information and materials on this website neither warrant the use of Shindengen's or any third partys
patent rights and other intellectual property rights, nor grant license to such rights.
7. In the event that any product described or contained herein falls under the category of strategic products
controlled under the Foreign Exchange and Foreign Trade Control Law of Japan, exporting of such products
shall require an export license from the Japanese government in accordance with the above law.
8. No reprinting or reproduction of the materials on this website, either in whole or in part, is permitted without
proper authorization from Shindengen.


Similar Part No. - D3CE15ST

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3CE20LUS SHINDENGEN-D3CE20LUS Datasheet
1Mb / 7P
   Fast Recovery Diodes 200V, 3.0A
D3CE4S SHINDENGEN-D3CE4S Datasheet
177Kb / 4P
   SchottkyBarrierDiode
D3CE60K SHINDENGEN-D3CE60K Datasheet
163Kb / 4P
   Fast Recovery Diode
D3CE60V SHINDENGEN-D3CE60V Datasheet
182Kb / 4P
   RectifierDiode
D3CE60VE SHINDENGEN-D3CE60VE Datasheet
1Mb / 7P
   General Rectifying Diodes 600V, 3.5A
More results

Similar Description - D3CE15ST

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR520E FS-FDR520E Datasheet
334Kb / 3P
   SCHOTTKYBARRIERDIODE
logo
Shindengen Electric Mfg...
D6FEC15ST SHINDENGEN-D6FEC15ST Datasheet
241Kb / 4P
   SchottkyBarrierDiode
DG1S6A SHINDENGEN-DG1S6A Datasheet
246Kb / 4P
   SchottkyBarrierDiode
logo
First Silicon Co., Ltd
FDR521E FS-FDR521E Datasheet
322Kb / 3P
   SCHOTTKYBARRIERDIODE
FDR521G FS-FDR521G Datasheet
335Kb / 4P
   SCHOTTKYBARRIERDIODE
logo
Shindengen Electric Mfg...
D3CE4S SHINDENGEN-D3CE4S Datasheet
177Kb / 4P
   SchottkyBarrierDiode
D6FEC12ST SHINDENGEN-D6FEC12ST Datasheet
241Kb / 4P
   SchottkyBarrierDiode
S20SC9MT SHINDENGEN-S20SC9MT_17 Datasheet
165Kb / 4P
   SchottkyBarrierDiode
logo
First Silicon Co., Ltd
FDR54E FS-FDR54E Datasheet
350Kb / 3P
   SCHOTTKYBARRIERDIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com