Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1161A1BM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ISP1161A1BM
Description  Universal Serial Bus single-chip host and device controller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161A1BM Datasheet(HTML) 3 Page - NXP Semiconductors

  ISP1161A1BM Datasheet HTML 1Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 2Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 3Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 4Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 5Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 6Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 7Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 8Page - NXP Semiconductors ISP1161A1BM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
Philips Semiconductors
ISP1161A1
USB single-chip host and device controller
Product data
Rev. 03 — 23 December 2004
3 of 136
9397 750 13961
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
2.
Features
s Complies with Universal Serial Bus Specification Rev. 2.0
s The Host Controller portion of the ISP1161A1 supports data transfer at full-speed
(12 Mbit/s) and low-speed (1.5 Mbit/s)
s The Device Controller portion of the ISP1161A1 supports data transfer at
full-speed (12 Mbit/s)
s Combines the HC and the DC in a single chip
s On-chip DC complies with most USB device class specifications
s Both the HC and the DC can be accessed by an external microprocessor via
separate I/O port addresses
s Selectable one or two downstream ports for the HC and one upstream port for
the DC
s High-speed parallel interface to most of the generic microprocessors and
Reduced Instruction Set Computer (RISC) processors such as:
x Hitachi® SuperH™ SH-3 and SH-4
x MIPS-based™ RISC
x ARM7™, ARM9™, StrongARM®
s Maximum 15 Mbyte/s data transfer rate between the microprocessor and the HC,
11.1 Mbyte/s data transfer rate between the microprocessor and the DC
s Supports single-cycle and burst mode DMA operations
s Up to 14 programmable USB endpoints with 2 fixed control IN/OUT endpoints for
the DC
s Built-in separate FIFO buffer RAM for the HC (4 kbytes) and DC (2462 bytes)
s Endpoints with double buffering to increase throughput and ease real-time data
transfer for both DC transfers and HC isochronous (ISO) transactions
s 6 MHz crystal oscillator with integrated PLL for low EMI
s Controllable LazyClock (100 kHz
± 50 %) output during ‘suspend’
s Clock output with programmable frequency (3 MHz to 48 MHz)
s Software controlled connection to USB bus (SoftConnect) on upstream port for
the DC
s Good USB connection indicator that blinks with traffic (GoodLink) for the DC
s Software selectable internal 15 k
Ω pull-down resistors for HC downstream ports
s Dedicated pins for suspend sensing output and wake-up control input for flexible
applications
s Global hardware reset input pin and separate internal software reset circuits
for HC and DC
s Operation from a 5 V or a 3.3 V power supply
s Operating temperature range
−40 °Cto +85 °C
s Available in two LQFP64 packages (SOT314-2 and SOT414-1).


Similar Part No. - ISP1161A1BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results

Similar Description - ISP1161A1BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
[Old version datasheet]   UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
TUSB3210 TI1-TUSB3210_15 Datasheet
933Kb / 50P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
logo
NXP Semiconductors
ISP1362 PHILIPS-ISP1362 Datasheet
647Kb / 150P
   Single-chip Universal Serial Bus On-The-Go controller
Rev. 03-06 January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com